Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2482X-100+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2482X-100+T
Description  Single-Channel 1-Wire Master
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2482X-100+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2482X-100+T Datasheet HTML 2Page - Maxim Integrated Products DS2482X-100+T Datasheet HTML 3Page - Maxim Integrated Products DS2482X-100+T Datasheet HTML 4Page - Maxim Integrated Products DS2482X-100+T Datasheet HTML 5Page - Maxim Integrated Products DS2482X-100+T Datasheet HTML 6Page - Maxim Integrated Products DS2482X-100+T Datasheet HTML 7Page - Maxim Integrated Products DS2482X-100+T Datasheet HTML 8Page - Maxim Integrated Products DS2482X-100+T Datasheet HTML 9Page - Maxim Integrated Products DS2482X-100+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Single-Channel 1-Wire Master
6
_______________________________________________________________________________________
VCC
0V
1-Wire BUS IS DISCHARGED
VIL1(MAX)
VIH1(MIN)
t1
t2
tAPUOT
t3
APU = 1
APU = 0
Figure 2. Rising Edge Pullup
Configuration Register Bit Assignment
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
1WS
SPU
1
APU
1WS
SPU
0
APU
Device Registers
The DS2482-100 has three registers that the I2C host
can read: Configuration, Status, and Read Data. These
registers are addressed by a read pointer. The position
of the read pointer, i.e., the register that the host reads
in a subsequent read access, is defined by the instruc-
tion the DS2482-100 executed last. To enable certain
1-Wire features, the host has read and write access to
the Configuration Register.
Configuration Register
The DS2482-100 supports three 1-Wire features that
are enabled or selected through the Configuration
Register. These features are:
• Active Pullup (APU)
• Strong Pullup (SPU)
• 1-Wire Speed (1WS)
These features can be selected in any combination.
While APU and 1WS maintain their state, SPU returns to
its inactive state as soon as the strong pullup has ended.
After a device reset (power-up cycle or initiated by the
Device Reset command), the Configuration Register
reads 00h. When writing to the Configuration Register,
the new data is accepted only if the upper nibble (bits 7
to 4) is the one’s complement of the lower nibble (bits 3
to 0). When read, the upper nibble is always 0h.
Active Pullup (APU)
The APU bit controls whether an active pullup (con-
trolled slew-rate transistor) or a passive pullup (RWPU
resistor) is used to drive a 1-Wire line from low to high.
When APU = 0, active pullup is disabled (resistor
mode). Active pullup should always be selected unless
there is only a single slave on the 1-Wire line. The
active pullup does not apply to the rising edge of a
presence pulse or a recovery after a short on the
1-Wire line.
The circuit that controls rising edges (Figure 2) oper-
ates as follows: At t1, the pulldown (from DS2482-100
or 1-Wire slave) ends. From this point on, the 1-Wire
bus is pulled high through RWPU internal to the
DS2482-100. VCC and the capacitive load of the 1-Wire
line determine the slope. In case that active pullup is
disabled (APU = 0), the resistive pullup continues, as
represented by the solid line. With active pullup
enabled (APU = 1), and when at t2 the voltage has
reached a level between VIL1(MAX) and VIH1(MIN), the
DS2482-100 actively pulls the 1-Wire line high, applying
a controlled slew rate as represented by the dashed
line. The active pullup continues until tAPUOT is expired
at t3. From that time on the resistive pullup continues.
See the
Strong Pullup (SPU) section for a way to keep
the pullup transistor conducting beyond t3.


Similar Part No. - DS2482X-100+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2482X-101+T MAXIM-DS2482X-101+T Datasheet
354Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 2; 11/09
More results

Similar Description - DS2482X-100+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
   Single-Channel 1-Wire Master
Rev 10; 1/15
logo
Dallas Semiconductor
DS2482-100 DALLAS-DS2482-100 Datasheet
255Kb / 21P
   Single-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2484 MAXIM-DS2484 Datasheet
1Mb / 29P
   Single-Channel 1-Wire Master
Rev 1; 7/15
DS2482-100 MAXIM-DS2482-100_12 Datasheet
361Kb / 24P
   Single-Channel 1-Wire Master
Rev 9; 1/12
DS2482-101 MAXIM-DS2482-101_12 Datasheet
424Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 4; 1/12
DS2482-101 MAXIM-DS2482-101 Datasheet
354Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 2; 11/09
DS2482-101 MAXIM-DS2482-101_V01 Datasheet
312Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
19-4931; Rev 5; 1/15
DS2482-800 MAXIM-DS2482-800 Datasheet
430Kb / 23P
   Eight-Channel 1-Wire Master
11/09
logo
Dallas Semiconductor
DS2482-800 DALLAS-DS2482-800 Datasheet
261Kb / 22P
   Eight-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2482-800 MAXIM-DS2482-800_12 Datasheet
392Kb / 23P
   8-Channel 1-Wire Master
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com