Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050EDDBTR Datasheet(PDF) 11 Page - Linear Technology

Part # LT3050EDDBTR
Description  100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050EDDBTR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3050EDDBTR Datasheet HTML 7Page - Linear Technology LT3050EDDBTR Datasheet HTML 8Page - Linear Technology LT3050EDDBTR Datasheet HTML 9Page - Linear Technology LT3050EDDBTR Datasheet HTML 10Page - Linear Technology LT3050EDDBTR Datasheet HTML 11Page - Linear Technology LT3050EDDBTR Datasheet HTML 12Page - Linear Technology LT3050EDDBTR Datasheet HTML 13Page - Linear Technology LT3050EDDBTR Datasheet HTML 14Page - Linear Technology LT3050EDDBTR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3050
11
3050f
For detailed information on how to set the IMIN pin resistor
value, please see the Operation section.
The IMAX pin requires a 10nF decoupling capacitor to
ground. If not used, tie IMAX to GND.
IMON (Pin 12): Output Current Monitor. This pin is the
collector of a PNP current mirror that outputs 1/100th
PIN FUNCTIONS
of the power PNP current. When OUT = IMON, the pin
current exactly equals 1/100th that of the output current.
For detailed information on how to calculate the output
current from the IMONpin,pleaseseetheOperationsection.
The IMON pin requires a small (22nF minimum) external
decoupling capacitor. If the IMON pin is not used, it must
be tied to GND.
BLOCK DIAGRAM
+
+
4
9
11
12
2
3
1
IN
5, 6
R1
D1
Q3
QIMIN
1/200
QIMON
1/100
QIMAX
1/200
QPOWER
1
IMAX
IMIN
FAULT
IMON
QFAULT
U1
GND
10, 13
REF/BYP
SHDN
ADJ
30k
R4
IDEAL DIODE
D3
Q2
D2
ERROR
AMPLIFIER
THERMAL/
CURRENT LIMITS
CURRENT
LIMIT
AMPLIFIER
100k
R3
IMIN
COMPARATOR
100k
R2
600mV
REFERENCE
3050 BD01
OUT
7, 8
+


Similar Part No. - LT3050EDDBTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050EDDB LINER-LT3050EDDB Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EDDB-3.3 LINER-LT3050EDDB-3.3 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EDDB-3.3-PBF LINER-LT3050EDDB-3.3-PBF Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EDDB-3.3-TR LINER-LT3050EDDB-3.3-TR Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EDDB-3.3-TRPBF LINER-LT3050EDDB-3.3-TRPBF Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
More results

Similar Description - LT3050EDDBTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Linear Technology
LT3065 LINER-LT3065_15 Datasheet
590Kb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com