Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050EMSETR Datasheet(PDF) 6 Page - Linear Technology

Part # LT3050EMSETR
Description  100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050EMSETR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3050EMSETR Datasheet HTML 2Page - Linear Technology LT3050EMSETR Datasheet HTML 3Page - Linear Technology LT3050EMSETR Datasheet HTML 4Page - Linear Technology LT3050EMSETR Datasheet HTML 5Page - Linear Technology LT3050EMSETR Datasheet HTML 6Page - Linear Technology LT3050EMSETR Datasheet HTML 7Page - Linear Technology LT3050EMSETR Datasheet HTML 8Page - Linear Technology LT3050EMSETR Datasheet HTML 9Page - Linear Technology LT3050EMSETR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3050
6
3050f
Internal Current Limit
Internal Current Limit
Internal Current Limit
vs Output Voltage
Reverse Output Current
Reverse Output Current
Input Ripple Rejection
SHDN Pin Input Current
SHDN Pin Input Current
ADJ Pin Bias Current
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
TEMPERATURE (°C)
3.0
1.0
2.0
2.5
1.5
0.5
3050 G10
0
–75 –50 –25 0
25 50 75 100 125 150 175
VSHDN = 45V
SHDN PIN VOLTAGE (V)
2.0
0.6
1.2
1.4
1.6
1.8
0.8
1.0
0.2
0.4
3050 G11
0
0
1020304050
TEMPERATURE (°C)
50
15
30
35
40
45
20
25
5
10
3050 G12
0
–75 –50 –25 0
25 50 75 100 125 150 175
VOUT (V)
1.0
0.3
0.6
0.7
0.8
0.9
0.4
0.5
0.1
0.2
3050 G16
0
0
1020304050
ALL PINS GROUNDED EXCEPT FOR OUT
FREQUENCY (Hz)
90
40
50
60
70
80
30
3050 G18
0
10
20
10
100
1K
10K
100K
1M
10M
IL = 100mA
COUT = 10μF
VOUT = 5V
VIN = 5.8V + 50mVRMS RIPPLE
CREF/BYP = 0
CREF/BYP = 100pF
CREF/BYP = 10nF
TEMPERATURE (°C)
350
100
200
250
300
150
50
3050 G13
0
–75 –50 –25 0
25 50 75 100 125 150 175
VIN = 12V
VOUT = 0V
INPUT/OUTPUT DIFFERENTIAL (V)
250
50
100
125
150
175
200
225
75
25
3050 G14
0
0
5
10
15
20
25
30
35
40
45
TJ = –55°C
TJ = –40°C
TJ = 25°C
TJ = 125°C
CURRENT LIMIT
AT FAULT
THRESHOLD
OUTPUT VOLTAGE (V)
225
50
100
125
150
175
200
75
25
3050 G15
0
0
5
10
15
20
25
30
35
40
45
TJ = –55°C
TJ = –40°C
TJ = 25°C
TJ = 125°C
VIN – VOUT(NOMINAL) = 1V
CURRENT LIMIT
AT FAULT
THRESHOLD
TEMPERATURE (°C)
50
10
20
25
30
35
40
45
15
5
3050 G17
0
–75 –50 –25 0
25 50 75 100 125 150 175
VOUT = VADJ = 1.2V
VIN = 0
IADJ
IOUT


Similar Part No. - LT3050EMSETR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050EMSE LINER-LT3050EMSE Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EMSE-3.3 LINER-LT3050EMSE-3.3 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EMSE-3.3-PBF LINER-LT3050EMSE-3.3-PBF Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EMSE-3.3-TR LINER-LT3050EMSE-3.3-TR Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EMSE-3.3-TRPBF LINER-LT3050EMSE-3.3-TRPBF Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
More results

Similar Description - LT3050EMSETR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Linear Technology
LT3065 LINER-LT3065_15 Datasheet
590Kb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com