Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050EMSETR Datasheet(PDF) 5 Page - Linear Technology

Part # LT3050EMSETR
Description  100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050EMSETR Datasheet(HTML) 5 Page - Linear Technology

  LT3050EMSETR Datasheet HTML 1Page - Linear Technology LT3050EMSETR Datasheet HTML 2Page - Linear Technology LT3050EMSETR Datasheet HTML 3Page - Linear Technology LT3050EMSETR Datasheet HTML 4Page - Linear Technology LT3050EMSETR Datasheet HTML 5Page - Linear Technology LT3050EMSETR Datasheet HTML 6Page - Linear Technology LT3050EMSETR Datasheet HTML 7Page - Linear Technology LT3050EMSETR Datasheet HTML 8Page - Linear Technology LT3050EMSETR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3050
5
3050f
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
ADJ Pin Voltage
5V Quiescent Current
GND Pin Current
GND Pin Current vs ILOAD
SHDN Pin Threshold
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
TJ = 25°C, unless otherwise noted.
OUTPUT CURRENT (mA)
600
300
350
400
450
550
500
250
3050 G01
0
50
100
150
200
0
10 20 30 40
50 60 70 80 90 100
TJ ≤ 125°C
TJ ≤ 25°C
OUTPUT CURRENT (mA)
600
300
350
400
450
550
500
250
3050 G02
0
50
100
150
200
0
10 20 30 40
50 60 70 80 90 100
TJ = 125°C
=TEST POINTS
TJ = 25°C
TEMPERATURE (°C)
–75
0
450
500
550
400
350
300
250
200
150
100
50
600
–50
75 100 125 150 175
–25 0
25
3050 G03
50
IL = 100mA
IL = 50mA
IL = 10mA
IL = 1mA
TEMPERATURE (°C)
–75
0
50
60
70
40
30
20
10
80
–50
75 100 125 150 175
–25 0
25
3050 G04
50
VIN = VSHDN = 12V
VOUT = 5V
IL = 5μA
VIN = 12V
ALL OTHER PINS = 0V
VIN (V)
100
50
60
80
70
90
40
30
3050 G06
0
10
20
0
5
10
15
20
25
30
35
40
45
VSHDN = VIN, RL = 500k
VSHDN = 0V, RL = 0
INPUT VOLTAGE (V)
2.50
1.50
1.75
2.00
2.25
1.25
3050 G07
0
0.25
0.50
0.75
1.00
0
1
2
3
456789 10 11
12
VOUT = 5V
RL = 50, IL = 100mA
RL = 100, IL = 50mA
RL = 500, IL = 10mA
RL = 5k, IL = 1mA
ILOAD (mA)
5.0
2.0
2.5
3.0
3.5
4.5
4.0
1.5
3050 G08
0
0.5
1.0
0 1020 3040
50 60 70 80 90 100
VIN = 5.6V
VOUT = 5V
TEMPERATURE (°C)
1.5
0.4
0.5
0.6
0.7
0.9
1.0
1.1
1.2
1.3
1.4
0.8
0.3
3050 G09
0
0.1
0.2
–75 –50
0
–25
25 50 75 100 125 150 175
IL = 1mA
OFF TO ON
ON TO OFF
TEMPERATURE (°C)
–75
588
606
608
610
604
602
600
598
596
594
592
590
612
–50
75 100 125 150 175
–25 0
25
3050 G05
50


Similar Part No. - LT3050EMSETR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050EMSE LINER-LT3050EMSE Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EMSE-3.3 LINER-LT3050EMSE-3.3 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EMSE-3.3-PBF LINER-LT3050EMSE-3.3-PBF Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EMSE-3.3-TR LINER-LT3050EMSE-3.3-TR Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050EMSE-3.3-TRPBF LINER-LT3050EMSE-3.3-TRPBF Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
More results

Similar Description - LT3050EMSETR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050_10 Datasheet
400Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Linear Technology
LT3065 LINER-LT3065_15 Datasheet
590Kb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com