Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM2882IV-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM2882IV-5
Description  Dual Isolated RS232 關Module Transceiver Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882IV-5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM2882IV-5 Datasheet HTML 4Page - Linear Technology LTM2882IV-5 Datasheet HTML 5Page - Linear Technology LTM2882IV-5 Datasheet HTML 6Page - Linear Technology LTM2882IV-5 Datasheet HTML 7Page - Linear Technology LTM2882IV-5 Datasheet HTML 8Page - Linear Technology LTM2882IV-5 Datasheet HTML 9Page - Linear Technology LTM2882IV-5 Datasheet HTML 10Page - Linear Technology LTM2882IV-5 Datasheet HTML 11Page - Linear Technology LTM2882IV-5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTM2882
8
2882p
TEST CIRCUITS
Figure 3. Receiver Timing Measurement
Figure 4. Auxiliary Channel Timing Measurement
2882 F03
RIN
ROUT
CL
tPHLR
tPLHR
tFR
tRR
10%
½VL
90%
90%
10%
1.5V
3V
VOL
VOH
–3V
RIN
ROUT
tr,tf ≤ 40ns
2882 F04
DIN
DOUT
CL
tPLHL
tPHLL
tRL
tFL
90%
10%
10%
90%
½VL
½VCC2
VL
VOH
VOL
0V
DIN
DOUT
Figure 1. Driver Slew Rate and Timing Measurement
Figure 2. Driver Enable/Disable Times
2882 F01
RL
TIN
TOUT
CL
tPLHD
tPHLD
tTHL
tTLH
3V
0V
–3V
½VL
VL
VOLD
VOHD
0V
TIN
TOUT
tr,tf ≤ 40ns
2882 F02
RL
DE
TOUT
tr,tf ≤ 40ns
0 OR VL
CL
tPZHD
tPZLD
tPHZD
tPLZD
VOLD – 0.5V
VOHD – 0.5V
½VCC2
VCC2
VOHD
VOLD
0V
0V
0V
TOUT
TOUT
DE
–5V
5V


Similar Part No. - LTM2882IV-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2882IV-5-PBF LINER-LTM2882IV-5-PBF Datasheet
291Kb / 18P
   Dual Isolated RS232 關Module Transceiver Power
More results

Similar Description - LTM2882IV-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2882 LINER-LTM2882_10 Datasheet
291Kb / 18P
   Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882_15 Datasheet
390Kb / 22P
   Dual Isolated RS232 Module Transceiver Power
logo
Guangzhou Reicu Electro...
RSM232 REICU-RSM232 Datasheet
6Mb / 1P
   RS232 Isolated transceiver module
REV:15.4
logo
Linear Technology
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2889 LINER-LTM2889 Datasheet
998Kb / 30P
   Isolated CAN FD 關Module Transceiver and Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Guangzhou Reicu Electro...
RS3485C REICU-RS3485C Datasheet
3Mb / 1P
   Isolated transceiver module
REV:18.2
logo
MORNSUN Science& Techno...
TD301DCAN MORNSUN-TD301DCAN Datasheet
486Kb / 3P
   INTEGRATED ISOLATED POWER CAN TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com