Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2499CUHF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2499CUHF
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499CUHF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2499CUHF Datasheet HTML 6Page - Linear Technology LTC2499CUHF Datasheet HTML 7Page - Linear Technology LTC2499CUHF Datasheet HTML 8Page - Linear Technology LTC2499CUHF Datasheet HTML 9Page - Linear Technology LTC2499CUHF Datasheet HTML 10Page - Linear Technology LTC2499CUHF Datasheet HTML 11Page - Linear Technology LTC2499CUHF Datasheet HTML 12Page - Linear Technology LTC2499CUHF Datasheet HTML 13Page - Linear Technology LTC2499CUHF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LTC2499
10
2499fc
PSRR vs Frequency at VCC
(2x Speed Mode)
PSRR vs Frequency at VCC
(2x Speed Mode)
FREQUENCY AT VCC (Hz)
0
–140
–120
–80
–60
–40
0
20
100
140
2499 G37
–100
–20
80
180
220
200
40 60
120
160
VCC = 4.1V DC ±1.4V
REF+ = 2.5V
REF= GND
IN+ = GND
IN= GND
fO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
30600
–60
–40
0
30750
2499 G38
–80
–100
30650
30700
30800
–120
–140
–20
VCC = 4.1V DC ±0.7V
REF+ = 2.5V
REF= GND
IN+ = GND
IN= GND
fO = GND
TA = 25°C
Offset Error vs VREF
(2x Speed Mode)
PSRR vs Frequency at VCC
(2x Speed Mode)
VREF (V)
0
190
200
210
3
5
2499 G35
180
170
160
12
4
220
230
240
VCC = 5V
VIN = 0V
VIN(CM) = GND
fO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
2499 G36
10
100
10k
1M
VCC = 4.1V DC
REF+ = 2.5V
REF= GND
IN+ = GND
IN= GND
fO = GND
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Error vs Temperature
(2x Speed Mode)
TEMPERATURE (°C)
–45
200
210
220
75
2499 G33
190
180
160
–15
15
45
–30
90
0
30
60
170
240
230
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
fO = GND
Offset Error vs VCC
(2x Speed Mode)
VCC (V)
2
2.5
0
100
250
3
4
4.5
2499 G34
50
200
150
3.5
5
5.5
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
fO = GND
TA = 25°C


Similar Part No. - LTC2499CUHF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2499CUHF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com