Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L5128LV Datasheet(PDF) 7 Page - Lyontek Inc.

Part # LY61L5128LV
Description  512K X 8 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L5128LV Datasheet(HTML) 7 Page - Lyontek Inc.

Back Button LY61L5128LV Datasheet HTML 3Page - Lyontek Inc. LY61L5128LV Datasheet HTML 4Page - Lyontek Inc. LY61L5128LV Datasheet HTML 5Page - Lyontek Inc. LY61L5128LV Datasheet HTML 6Page - Lyontek Inc. LY61L5128LV Datasheet HTML 7Page - Lyontek Inc. LY61L5128LV Datasheet HTML 8Page - Lyontek Inc. LY61L5128LV Datasheet HTML 9Page - Lyontek Inc. LY61L5128LV Datasheet HTML 10Page - Lyontek Inc. LY61L5128LV Datasheet HTML 11Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LY61L5128
Rev. 2.2
512K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
6
®
TIMING WAVEFORMS
READ CYCLE 1
(Address Controlled) (1,2)
Dout
Data Valid
tOH
tAA
Address
tRC
Previous Data Valid
READ CYCLE 2
(CE# and OE# Controlled) (1,3,4,5)
Dout
Data Valid
tOH
OE#
tACE
CE#
tAA
Address
tRC
High-Z
High-Z
tCLZ
tOLZ
tOE
tCHZ
tOHZ
Notes :
1.WE# is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low.
3.Address must be valid prior to or coincident with CE# = low,; otherwise tAA is the limiting parameter.
4.tCLZ, tOLZ, tCHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tOHZ is less than tOLZ.


Similar Part No. - LY61L5128LV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128LL-10LL LYONTEK-LY61L5128LL-10LL Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128LL-10LLE LYONTEK-LY61L5128LL-10LLE Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128LL-10LLET LYONTEK-LY61L5128LL-10LLET Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128LL-10LLI LYONTEK-LY61L5128LL-10LLI Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128LL-10LLIT LYONTEK-LY61L5128LL-10LLIT Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L5128LV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128_10 Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128_17 Datasheet
637Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128_1008 LYONTEK-LY615128_1008 Datasheet
160Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128 Datasheet
154Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
LY615128 LYONTEK-LY615128_17 Datasheet
679Kb / 11P
   5V 512K X 8 BIT HIGH SPEED CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com