Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L2568UV Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY61L2568UV
Description  256K X 8 BIT HIGH SPEED CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L2568UV Datasheet(HTML) 3 Page - Lyontek Inc.

  LY61L2568UV Datasheet HTML 1Page - Lyontek Inc. LY61L2568UV Datasheet HTML 2Page - Lyontek Inc. LY61L2568UV Datasheet HTML 3Page - Lyontek Inc. LY61L2568UV Datasheet HTML 4Page - Lyontek Inc. LY61L2568UV Datasheet HTML 5Page - Lyontek Inc. LY61L2568UV Datasheet HTML 6Page - Lyontek Inc. LY61L2568UV Datasheet HTML 7Page - Lyontek Inc. LY61L2568UV Datasheet HTML 8Page - Lyontek Inc. LY61L2568UV Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LY61L2568
Rev. 0.4
256K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
256Kx8
MEMORY ARRAY
COLUMN I/O
A0-A17
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A17
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
PIN CONFIGURATION
A3
A4
NC
NC
A8
A0
CE#
DQ0
Vcc
Vss
NC
A15
OE#
DQ6
DQ7
DQ5
Vss
Vcc
DQ4
A9
DQ1
DQ2
TSOP-II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A14
A2
WE#
A17
NC
NC
NC
A12
NC
DQ3
A10
A13
NC
NC
NC
A11
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
NC
A1
A16
A7
A6
A5


Similar Part No. - LY61L2568UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L2568AML-10 LYONTEK-LY61L2568AML-10 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568AML-10I LYONTEK-LY61L2568AML-10I Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568AML-10IT LYONTEK-LY61L2568AML-10IT Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568AML-10T LYONTEK-LY61L2568AML-10T Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568AML-8 LYONTEK-LY61L2568AML-8 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L2568UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568_13 Datasheet
215Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568A LYONTEK-LY61L2568A_12 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568 Datasheet
153Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25732A LYONTEK-LY61L25732A_17 Datasheet
779Kb / 13P
   256K X 32 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com