Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L256 Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY61L256
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L256 Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY61L256 Datasheet HTML 4Page - Lyontek Inc. LY61L256 Datasheet HTML 5Page - Lyontek Inc. LY61L256 Datasheet HTML 6Page - Lyontek Inc. LY61L256 Datasheet HTML 7Page - Lyontek Inc. LY61L256 Datasheet HTML 8Page - Lyontek Inc. LY61L256 Datasheet HTML 9Page - Lyontek Inc. LY61L256 Datasheet HTML 10Page - Lyontek Inc. LY61L256 Datasheet HTML 11Page - Lyontek Inc. LY61L256 Datasheet HTML 12Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LY61L256
Rev. 1.2
32K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
ORDERING INFORMATION
LY61L256 U V - WW XX Y Z
Z : Packing Type
Blank : Tube or Tray
T : Tape Reel
Y : Temperature Range
Blank : (Commercial) 0°C ~ 70°C
E : (Extended) -20°C ~ +80°C
I : (Industrial) -40°C ~ +85°C
U : Package Type
J : 28-pin 300 mil SOJ
R : 28-pin 8 mm x 13.4 mm STSOP
WW : Access Time(Speed)
XX : Power Type
LL : Ultra Low Power
V : Lead Information
L : Green Package


Similar Part No. - LY61L256

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616AGL-10 LYONTEK-LY61L25616AGL-10 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616AGL-10I LYONTEK-LY61L25616AGL-10I Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616AGL-10IT LYONTEK-LY61L25616AGL-10IT Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616AGL-10T LYONTEK-LY61L25616AGL-10T Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A615308 AMICC-A615308 Datasheet
199Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256_1008 LYONTEK-LY61L256_1008 Datasheet
172Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com