Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28DG02 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS28DG02
Description  2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28DG02 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS28DG02 Datasheet HTML 7Page - Maxim Integrated Products DS28DG02 Datasheet HTML 8Page - Maxim Integrated Products DS28DG02 Datasheet HTML 9Page - Maxim Integrated Products DS28DG02 Datasheet HTML 10Page - Maxim Integrated Products DS28DG02 Datasheet HTML 11Page - Maxim Integrated Products DS28DG02 Datasheet HTML 12Page - Maxim Integrated Products DS28DG02 Datasheet HTML 13Page - Maxim Integrated Products DS28DG02 Datasheet HTML 14Page - Maxim Integrated Products DS28DG02 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DS28DG02: 2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
11 of 34
PIO Read Access
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
126h
IV7
IV6
IV5
IV4
IV3
IV2
IV1
IV0
127h
0
0
0
0
IV11
IV10
IV9
IV8
There is only read access to these addresses. Bits 4 to 7 of address 127h always read 0. Read access is functional
for all PIOs, regardless of their direction setting. Reported is the logic state of the pin, which may be different from
what the PIO output value register implies.
BIT DESCRIPTION
BIT(S)
DEFINITION
IVn: Input Value of PIOn
Logic state read from PIO0 to PIO11 pins. IV0 applies to PIO0, etc.
Legend:
IVn = PIOn XOR’ed with IMSKn
Figure 4 shows a simplified schematic of a PIO. The flip flops are accessed through the PIO Output State (OVn)
and Read Access (IVn) registers and memory addresses 122h to 125 (DIRn, IMSKn, OTn). They are initialized at
power-up or during Refresh (see the SPI Interface Description) according to the data stored at memory addresses
10Ah to 10Fh. When a PIO is configured as input, the PIO output is tri-stated (high impedance). When a PIO is
configured as output, the PIO input is the same as the output state XORed with the corresponding read inversion
bit. The differences of the PIO behavior in low current and high current mode are explained in the PIO Read/Write
Access section near the end of this document.
Figure 4. PIO Simplified Schematic
D
Q
CLK
D
Q
CLK
D
Q
CLK
D
Q
CLK
DIRn
OVn
OTn
Vcc
D
Q
CLK
IMSKn
PIOn Pin
to SPI Interface
IVn
OTn
from SPI Interface
CLK
DIRn
from SPI Interface
OVn
from SPI Interface
IMSKn
from SPI Interface


Similar Part No. - DS28DG02

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28DG02 DALLAS-DS28DG02 Datasheet
293Kb / 33P
   2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
DS28DG02E-3C++ DALLAS-DS28DG02E-3C+ Datasheet
293Kb / 33P
   2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
DS28DG02E-3C+T DALLAS-DS28DG02E-3C+T Datasheet
293Kb / 33P
   2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
DS28DG02G-3C++ DALLAS-DS28DG02G-3C+ Datasheet
293Kb / 33P
   2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
DS28DG02G-3C+T DALLAS-DS28DG02G-3C+T Datasheet
293Kb / 33P
   2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
More results

Similar Description - DS28DG02

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28DG02 DALLAS-DS28DG02 Datasheet
293Kb / 33P
   2kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
logo
Linear Technology
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
logo
Linear Technology
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com