Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28CN01U-A00+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS28CN01U-A00+
Description  1Kb I2C/SMBus EEPROM with SHA-1 Engine
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28CN01U-A00+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS28CN01U-A00+ Datasheet HTML 1Page - Maxim Integrated Products DS28CN01U-A00+ Datasheet HTML 2Page - Maxim Integrated Products DS28CN01U-A00+ Datasheet HTML 3Page - Maxim Integrated Products DS28CN01U-A00+ Datasheet HTML 4Page - Maxim Integrated Products DS28CN01U-A00+ Datasheet HTML 5Page - Maxim Integrated Products DS28CN01U-A00+ Datasheet HTML 6Page - Maxim Integrated Products DS28CN01U-A00+ Datasheet HTML 7Page - Maxim Integrated Products DS28CN01U-A00+ Datasheet HTML 8Page - Maxim Integrated Products DS28CN01U-A00+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Note 12: The DS28CN01 does not obstruct the SDA and SCL lines if Vcc is switched off.
Note 13: The minimum SCL clock frequency is limited by the bus timeout feature. If the CM bit is 1
and SCL stays at the same logic
level or SDA stays low for this interval, the DS28CN01 behaves as though it has sensed a STOP condition.
Note 14: System requirement.
Note 15: The DS28CN01 provides a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
Note 16: The master can provide a hold time of 0ns minimum when writing to the device. This 0ns minimum is guaranteed by
design, characterization, and/or simulation only, and not production tested.
Note 17: A fast-mode I2C bus device can be used in a standard-mode I2C bus system, but the requirement tSU:DAT
≥ 250ns must
then be met. This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device
does stretch the low period of the SCL signal, it must output the next data bit to the SDA line tRMAX + tSU:DAT = 1000 + 250
= 1250ns (according to the standard-mode I2C bus specification) before the SCL line is released.
1Kb I2C/SMBus EEPROM with SHA-1 Engine
4
_______________________________________________________________________________________
ABRIDGED DATA SHEET
Pin Description
PIN
NAME
FUNCTION
1
AD0
Device Address Input Pin to Select the Slave Address. Sets slave address bits A[1:0] and must be
connected to either GND, SDA, SCL, or VCC.
2
AD1
Device Address Input Pin to Select the Slave Address. Sets slave address bits A[3:2] and must be
connected to either GND, SDA, SCL, or VCC.
3, 7
N.C.
No Connection
4
GND
Ground Supply
5
SDA
I2C/SMBus Bidirectional Serial Data Line. This pin must be connected to VCC through a pullup resistor.
6
SCL
I2C/SMBus Serial Clock Input. This pin must be connected to VCC through a pullup resistor.
8
VCC
Power-Supply Input
Detailed Description
The DS28CN01 features a serial I2C/SMBus interface,
1Kb of SHA-1 secure EEPROM, a register page, and a
unique registration number, as shown in the
Block
Diagram. The device communicates with a host proces-
sor through its I2C interface in standard mode or in fast
mode. The user can switch the interface from I2C bus
mode to SMBus mode. Two 4-level address pins allow
16 DS28CN01s to reside on the same bus segment.
Device Operation
Read and write access to the DS28CN01 is controlled
through the I2C/SMBus serial interface. Since the
DS28CN01 has memory areas and registers of different
characteristics, there are several special cases to con-
sider. See the
Read and Write section in the full data
sheet for details.
Serial Communication Interface
The serial interface uses a data line (SDA) plus a clock
signal (SCL) for communication. Both SDA and SCL are
bidirectional lines, connected to a positive supply volt-
age through a pullup resistor. When there is no commu-
nication, both lines are high. The output stages of
devices connected to the bus must have an open-drain
or open-collector output to perform the wired-AND
function. Data can be transferred at rates of up to
100kbps in the standard mode, and up to 400kbps in
the fast mode. The DS28CN01 works in both modes.
A device that sends data on the bus is defined as a
transmitter and a device receiving data is a receiver.
The device that controls the communication is called a
master. The devices that are controlled by the master
are slaves. The DS28CN01 is a slave device.
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40°C to +85°C.) (Note 1)


Similar Part No. - DS28CN01U-A00+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28CN01U-A00++ MAXIM-DS28CN01U-A00+ Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28CN01U-A00+T MAXIM-DS28CN01U-A00+T Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
More results

Similar Description - DS28CN01U-A00+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
   1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
DS28E02 MAXIM-DS28E02 Datasheet
189Kb / 21P
   1-Wire SHA-1 Authenticated 1Kb EEPROM with 1.8V Operation
219-0008; Rev 1; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com