Electronic Components Datasheet Search |
|
RHP-10C-1R0JNT Datasheet(PDF) 8 Page - American Accurate Components, Inc. |
|
RHP-10C-1R0JNT Datasheet(HTML) 8 Page - American Accurate Components, Inc. |
8 / 8 page American Accurate Components, Inc. HIGH POWER RESISTOR – 20W to 140W The content of this specification may change without notification 12/07/07 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 8 NOTES GENERAL 1. 0.1% tolerance resistors and resistance range from 240 ohm to 51K ohm are available as a semi-custom solution 2. Use of heat conduction grease on surface of flange is recommended. 3. Insulation material is unnecessary between flange and resistors; the flange and resistor are separated by alumina substrate. 4. It surface mount soldering, temperature profile in the flange shall not exceed 220°C. 5. Heat sink design will be performed when the resistor operating temperature is less than 155°C RHP-10X 1. Heat resistance between resistor and flange is 3.6K/W 2. For application to r-f circuit, Lead formed RHP-10X (smd) is prepared; RHP-10X are screw mount style. 3. At resistance from 220 to 51kohms rating power shall be restricted in 10W. RHP-10B, RHP-10C 1. Heat resistance between resistor and flange is 5.9 C/W. RHP-20B, RHP-20C 1. Heat resistance between resistor and flange is 3.3 C/W 2. At resistance from 220 to 51kohms rating power shall be restricted in 20W. 3. The terminal material is Tin plated copper, but inside of resistor contains PbAg high melting solder that is exempted by RoHS directive 2002/95/EC. RHP-20D 1. At flange soldering, temperature profile in flange shall not exceed 270°C for 30 minutes. 2. Heat resistance between resistor and flange is 3.3C/W. 3. This model shall be fit to Copper of printed wiring board with lower temperature solder than 220°C. Sn-Cu soldering will be done by soldering iron with 300°C -350°C tip temperature for less than 30 minutes. RHP-50A 1. Using heat conduction grease on surface of flange is recommended. 2. Heat resistance between resistor and flange is 1.3 K/W. Heat design will be done, as resistor temperature shall be under 155°C in operation. RHP-50B, RHP-50-C 1. Heat resistance between resistor and flange is 3.3 C/W. 2. 5ppm TCR resistors are available as a semi-custom product 3. At resistance from 220 to 51kohms rating power shall be restricted in 30W. 4. Please note, terminal material is Tin plated copper, but inside of resistor contains PbAg high melting solder that is exempted by RoHS directive 2002/95/EC. RHP-100A Recommendation 1. Flat surface heat sink, thermal compound and sufficient mount screw torque will be necessary for good heat transfer. 2. In a rush current protection application, such as charge current limitation resistor, sufficient power derating will be necessary. Design for Heat Release TAPE DIMENSIONS (mm) Reel Dimensions Outer Diameter: 300mm Inner Diameter: 100mm Width: 23.9mm min., 27.4mm max Standard packaging is RoHS PS/PE tube packaging, which contains 50 pieces per tube. When ordering, note Tube (T) or Tray (R) |
Similar Part No. - RHP-10C-1R0JNT |
|
Similar Description - RHP-10C-1R0JNT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |