Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5934-2 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5934-2
Description  4MM Banana Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5934-2 Datasheet(HTML) 1 Page - Pomona Electronics

  5934-2 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
10/1/07
D1094503
www.pomonaelectronics.com
Rev. 101
Page 1 of 1
Model 5934
Do-It-Yourself In-Line
4MM Banana Plug
Sales: 800-490-2361 Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
FEATURES:
Easy to assemble threaded two piece construction enables solderless wire attachment by means of an
internal set screw
Compatible with 18 to 22 AWG wire
Banana plug spring is Beryllium Copper for long insertion life
Banana plug body and spring are nickel plated for tarnish resistance
MATERIALS:
Plug Body: Brass, Nickel Plated
Plug Spring: Beryllium Copper, Nickel Plated
Insulation: Nylon
Set Screw: Brass
RATINGS:
Operating Voltage: 750V AC/DC (Independent of Wire)
Current: 25 Amperes Max
ORDERING INFORMATION: Model 5934-*
* = Color Code, Standard Colors: -0 Black, -2 Red
Sold in packages of 10 per color.


Similar Part No. - 5934-2

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
59340000200E AXIOMTEK-59340000200E Datasheet
276Kb / 1P
   1 DDR3L SO-DIMM supports up to 8GB memory capacity
59340000200E AXIOMTEK-59340000200E Datasheet
350Kb / 1P
   1 DDR3L SO-DIMM supports up to 8GB memory capacity
logo
List of Unclassifed Man...
5934MTH1R ETC2-5934MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5934-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
   Test Probe with 4mm Banana Plug
logo
Pomona Electronics
72914 POMONA-72914 Datasheet
119Kb / 1P
   4mm Safety Banana Jack to 2mm Banana Plug Adapter
logo
List of Unclassifed Man...
BU-32603-0 ETC2-BU-32603-0 Datasheet
50Kb / 1P
   Cable Mountable 4mm Shrouded Banana Plug
logo
Pomona Electronics
72917 POMONA-72917 Datasheet
70Kb / 1P
   4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
72918 POMONA-72918 Datasheet
71Kb / 1P
   4mm Banana Plug with Threaded M3 Stud
6601 POMONA-6601 Datasheet
205Kb / 2P
   Comfort Probe with Removable 4mm Banana Plug Adapter
logo
List of Unclassifed Man...
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
   4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
72916 POMONA-72916 Datasheet
129Kb / 1P
   4mm Banana Jack to 2mm Banana Jack Adapter
logo
List of Unclassifed Man...
BU-30211-0 ETC2-BU-30211-0 Datasheet
460Kb / 1P
   Spade Terminal to 4mm Banana
logo
Pomona Electronics
6387 POMONA-6387 Datasheet
147Kb / 1P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com