Electronic Components Datasheet Search |
|
RST15-A4Z-1R0-1R0JZB Datasheet(PDF) 2 Page - American Accurate Components, Inc. |
|
RST15-A4Z-1R0-1R0JZB Datasheet(HTML) 2 Page - American Accurate Components, Inc. |
2 / 3 page American Accurate Components, Inc. HIGH POWER RESISTOR – Non Inductive Chassis Mount, Screw Terminal The content of this specification may change without notification 02/19/08 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 2 SPECIFICATIONS Series Body Type/Circuit Rated Power Resistance Resistance Range ( Ω) EIA Values TCR (ppm/°C) Tolerance Operating Temp. RST15*- A4X, A4Y 150 W Dual 0.1 ~ 1.0K E24 ±100 ±5% -55°C ~ +155°C RST15- B4X, B4Y 150 W Dual 0.1 ~ 1.0K E24 ±100 ±5% -55°C ~ +120°C RST20*- A2X, A2Y, A4Z 200 W Single 0.1 ~ 1.0K E24 ±100 ±5% -55°C ~ +155°C RST20- B2X, B2Y, B4Z 200 W Single 0.1 ~ 1.0K E24 ±100 ±5% -55°C ~ +120°C RST25*- A4X 250 W Dual 1.0 ~ 1.0K E24 ±100 ±5% -55°C ~ +120°C RST25- B4X, B4Y 250 W Dual 0.1 ~ 1.0K E24 ±100 ±5% -55°C ~ +120°C RST30*- A4Z 300 W Single 1.0 ~ 1.0K E24 ±100 ±5% -55°C ~ +120°C RST30- B2X, B2Y, B4Z 300 W Single 0.1 ~ 1.0K E24 ±100 ±5% -55°C ~ +120°C RST55- B4X, B4Y 550 W Dual 50.0 ~ 1.0K E24 ±100 ±5% -55°C ~ +120°C RST60- A4X 600 W Dual 100 ~ 1.0K All ±100 ±10% -55°C ~ +155°C RST60- B2X, B2Y, B4Z 600 W Single 50.0 ~ 1.0K E24 ±100 ±5% -55°C ~ +120°C RST90- A4Z 600 W Single 100 ~ 1.0K All ±100 ±10% -55°C ~ +155°C PERFORMANCE Item RST15*, RST20* All other Series Condition Rated Power Per specification Per specification RST15, RST20: with heat sink, 0.9 K/W All Other Models: at flange -55°C ~ +25°C Maximum Applied Voltage E = √P*R E = √P*R Withstanding Voltage 2500V DC 2500V DC 60 seconds Load Life ± (1.0% + 0.05 Ω) ± (1.0% + 0.05 Ω) 25°C, 90 min on, 30 min off, 1000 hrs Humidity ± (1.0% + 0.05 Ω) ± (1.0% + 0.05 Ω) 40°C, 90 ~ 95% RH, DC 0.1W, 1000 hrs *70°C, 90 ~ 95% RH, DC 0.1W, 1000 hrs Temperature Cycle ± (1.0% + 0.05 Ω) ± (1.0% + 0.05 Ω) -55°C, 30 min., +155°C, 30 min.; 20 cycles -55°C, 30 min., +120°C, 30 min.; 20 cycles Short Time Overload ± (0.25% + 0.05 Ω) ± (0.25% + 0.05 Ω) Rated Power x 2.5, 2 sec. with heat sink Soldering Heat n/a ± (0.25% + 0.05 Ω) 350°C ± 5°C, 3 seconds Solderability n/a n/a Insulation Resistance > 1,000 Meg ohm > 1,000 Meg ohm Between Terminals and Flange Vibration ± (0.25% + 0.05 Ω) ± (0.25% + 0.05 Ω) Flammability UL94V-O UL94V-O PULSE OPERATION DURABLITY 1 = RST30- B2X, B2Y, B4Z 2 = RST25-B4X, B4Y (one resistor) The figure illustrating pulse load shows the safe operation area, which measured experimentally and which can operate with a rectangle pulse of a long cycle. However, data does not guarantee the operation about the continuous pulse load of a short cycle in which a resistor carries out a temperature rise with average electric power. Pulse peak power recommends operating within the rated electric power. Pulse operation of models RST60-B2X, B2Y, B4Z are the same as models RST30- B2X, B2Y, B4Z. NOTES For RST60-A4X and RST90-A4Z When water cooled heat sink is used, maintaining a flange temperature of 25°C is difficult. When the flange temperature is over 25°C, the rating will be decreased as illustrated in the derating curve. In short pulse applications, the peak power can not exceed over 600W. Pulse Peak Power (Watts) Pulse Width (seconds) |
Similar Part No. - RST15-A4Z-1R0-1R0JZB |
|
Similar Description - RST15-A4Z-1R0-1R0JZB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |