Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-9366AABAAI6TIG2 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-9366AABAAI6TIG2
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-9366AABAAI6TIG2 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-9366AABAAI6TIG2 Datasheet HTML 7Page - Seiko Instruments Inc S-9366AABAAI6TIG2 Datasheet HTML 8Page - Seiko Instruments Inc S-9366AABAAI6TIG2 Datasheet HTML 9Page - Seiko Instruments Inc S-9366AABAAI6TIG2 Datasheet HTML 10Page - Seiko Instruments Inc S-9366AABAAI6TIG2 Datasheet HTML 11Page - Seiko Instruments Inc S-9366AABAAI6TIG2 Datasheet HTML 12Page - Seiko Instruments Inc S-9366AABAAI6TIG2 Datasheet HTML 13Page - Seiko Instruments Inc S-9366AABAAI6TIG2 Datasheet HTML 14Page - Seiko Instruments Inc S-9366AABAAI6TIG2 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.1.1_00
S-8365/8366 Series
Seiko Instruments Inc.
11
2. 600 kHz product
Table 9 Electrical Characteristics
(VDD = 3.3 V, Ta = 25
°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Input voltage
*1
VDD
1.8
5.5
V
2
Operating start
voltage
*2
VST1
Product without UVLO function,
IOUT = 1 mA
1.0
V
3
Oscillation start
voltage
VST2
No external parts
for product without UVLO function,
0.9
V
1
Operation holding
voltage
VHLD
Product without UVLO function,
IOUT = 1 mA, Determined by decreasing
VDD gradually
0.8
V
3
FB voltage
VFB
0.588
0.6
0.612
V
1
FB voltage temperature
coefficient
∆VFB
∆Ta
Ta =
−40°C to +85°C
±100
ppm/
°C1
FB pin input current
IFB
VDD = 1.8 V to 5.5 V, FB pin
−0.1
0.1
µA
1
Current consumption
at operation
*3
ISS1
At switching operation, no load
VFB = VFB(S)
× 0.95
300
µA
1
Current consumption
at switching off
ISS2
At switching stop, VFB = VFB(S)
× 1.5
70
120
µA
1
Current consumption
at shutdown
ISSS
OFF
/
ON
V
= 0 V
1.0
µA
1
IEXTH
VEXT = VDD
− 0.4 V
−130
−60
mA
1
EXT pin output current
IEXTL
VEXT = 0.4 V
100
200
mA
1
Oscillation frequency
fosc
510
600
690
kHz
1
Maximum duty ratio
Max
Duty
VFB = VFB(S)
× 0.95
85
90
95
%
1
PWM / PFM switching
Duty ratio
*4
PFM
Duty
VDD = VOUT(S)
− 0.1 V, no load
20
28
36
%
2
Short-circuit protection
delay time
*5
tPRO
Product with short-circuit protection,
At CSP = 0.1
µF
37.5
50
75
ms
1
UVLO release voltage
VUVLO+
Product with UVLO function
1.60
1.70
1.78
V
1
UVLO hysteresis width VUVLOHYS Product with UVLO function
0.05
0.10
0.15
V
1
High level input voltage VSH
VDD = 1.8 V to 5.5 V,
OFF
ON/
pin
0.75
V
1
Low level input voltage VSL
VDD = 1.8 V to 5.5 V,
OFF
ON/
pin
0.3
V
1
Product without
OFF
ON/
pin pull-down,
VDD = 1.8 V to 5.5 V,
OFF
ON/
pin
−0.1
0.1
µA
1
High level input current ISH
Product with
OFF
ON/
pin pull-down,
VDD = 1.8 V to 5.5 V,
OFF
ON/
pin
0.2
1.0
2.5
µA
1
Low level input current
ISL
VDD = 1.8 V to 5.5 V,
OFF
ON/
pin
−0.1
0.1
µA
1
Soft-start time
tSS
5
7
10
ms
2
*1. The S-8365/8366 Series steps up from VDD = 1.0 V, but set the input voltage as to 1.8 V
≤ VDD ≤ 5.5 V for stabilizing
the output voltage and oscillation frequency.
*2. This is the guaranteed value measured with external parts shown in “Table 10 External Parts List” and with test
circuits shown in Figure 10. The operating start voltage varies largely depending on diode’s forward voltage.
Evaluate sufficiently with actual device.
*3. VFB(S) is a setting value for FB voltage.
*4. VOUT(S) is a setting value for output voltage. VOUT is the typical value of actual output voltage.
VOUT(S) can be set by using the rate of VFB and the output voltage setting resistors (RFB1, RFB2).
*5. The short-circuit protection time can be set by the external capacitor, and the maximum set value by the external
capacitor is unlimited when an ideal case is assumed. But use CSP = approximately 0.47
µF as a target maximum
value due to the need to consider the discharge time of the capacitor.


Similar Part No. - S-9366AABAAI6TIG2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46A SII-S-93A46A Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A46AD0A-J8T2GB SII-S-93A46AD0A-J8T2GB Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A46AD0A-J8T2GD SII-S-93A46AD0A-J8T2GD Datasheet
334Kb / 34P
   CMOS SERIAL E2PROM
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-9366AABAAI6TIG2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com