Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5713NNL-M3T1S Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-5713NNL-M3T1S
Description  HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5713NNL-M3T1S Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-5713NNL-M3T1S Datasheet HTML 2Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 3Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 4Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 5Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 6Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 7Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 8Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 9Page - Seiko Instruments Inc S-5713NNL-M3T1S Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5713A Series
Rev.2.0_00
Seiko Instruments Inc.
6
Electrical Characteristics
Table 4
(Ta = 25
°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
4.5
5.0
5.5
V
Average current
consumption
IDD
Average value
1750
2200
µA
1
Output transistor Nch, VOUT = 0.4 V
1
mA
2
Output current
IOUT
CMOS output
Output transistor Pch, VOUT = VDD
− 0.4 V
−1
mA
2
Output leakage current
ILEAK
Nch open drain output
Output transistor Nch, VOUT = 5.5 V
1
µA
2
Awake mode time
tAW
121
µs
Sleep mode time
tSL
11
µs
Operating cycle
tCYCLE
tAW + tSL
132
240
µs
Magnetic Characteristics
1. Product with detection of S pole
Table 5
(Ta = 25
°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Operating point
*1
S pole
BOPS
6.1
9.1
mT
3
Release point
*2
S pole
BRPS
2.4
4.9
mT
3
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.2
mT
3
2. Product with detection of N pole
Table 6
(Ta = 25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Operating point
*1
N pole
BOPN
−9.1
−6.1
mT
3
Release point
*2
N pole
BRPN
−4.9
−2.4
mT
3
Hysteresis width
*3
N pole
BHYSN
BHYSN = | BOPN
− BRPN |
1.2
mT
3
*1.
BOPN, BOPS : Operating points
The operating points are the values of magnetic flux density when the output voltage (VOUT) is inverted after the
magnetic flux density applied to the S-5713A Series by the magnet (N or S pole) is increased (the magnet is moved
closer).
Even when the magnetic flux density exceeds BOPN or BOPS, VOUT retains the status.
*2.
BRPN, BRPS : Release points
The release points are the values of magnetic flux density when the output voltage (VOUT) is inverted after the
magnetic flux density applied to the S-5713A Series by the magnet (N or S pole) is decreased (the magnet is moved
further away).
Even when the magnetic flux density is lowered than BRPN or BRPS, VOUT retains the status.
*3.
BHYSN, BHYSS : Hysteresis widths
BHYSN and BHYSS are the differences between BOPN and BRPN, and BOPS and BRPS, respectively.
Remark The unit of magnetic density mT can be converted by using the formula 1 mT = 10 Gauss.


Similar Part No. - S-5713NNL-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5711A SII-S-5711A Datasheet
334Kb / 26P
   HALL IC
S-5711ACDH-M3T1S SII-S-5711ACDH-M3T1S Datasheet
334Kb / 26P
   HALL IC
S-5711ACDL-I4T1G SII-S-5711ACDL-I4T1G Datasheet
334Kb / 26P
   HALL IC
S-5711ACDL-M3T1S SII-S-5711ACDL-M3T1S Datasheet
334Kb / 26P
   HALL IC
S-5711ACSL-I4T1G SII-S-5711ACSL-I4T1G Datasheet
334Kb / 26P
   HALL IC
More results

Similar Description - S-5713NNL-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S5715 SII-S5715 Datasheet
1Mb / 28P
   HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com