Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89713B Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-89713B
Description  MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89713B Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-89713B Datasheet HTML 6Page - Seiko Instruments Inc S-89713B Datasheet HTML 7Page - Seiko Instruments Inc S-89713B Datasheet HTML 8Page - Seiko Instruments Inc S-89713B Datasheet HTML 9Page - Seiko Instruments Inc S-89713B Datasheet HTML 10Page - Seiko Instruments Inc S-89713B Datasheet HTML 11Page - Seiko Instruments Inc S-89713B Datasheet HTML 12Page - Seiko Instruments Inc S-89713B Datasheet HTML 13Page - Seiko Instruments Inc S-89713B Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S-89713B Series
Rev.1.0_00
Seiko Instruments Inc.
10
8. Voltage gain (open loop)
RF
RS
RS
RF
+
VCMR = VDD / 2
RL
VOUT
VM
VDD / 2
VDD
+
VDDN
VSSN
NULL
D.U.T
CF
CF
Figure 12
• Voltage-gain (open loop) (AVOL)
The voltage gain (AVOL) can be calculated by the following expression, with measured VOUT at each VM.
Test conditions:
When VM = VDD
− 0.1 V: VM = VM1, VOUT = VOUT1,
When VM = 0.1 V: VM = VM2, VOUT = VOUT2
AVOL = 20 log
VM1
− VM2
VOUT1
− VOUT2 ×
RF
+ RS
RS
RL = 10 k
9. Slew rate (SR)
Measured by the voltage follower circuit.
VDD
VSS
( = 0 V)
tTHL
VDD
×0.9
tR = tF = 20 ns (VSS to VDD)
tTLH
VDD
×0.1
At rise
TLH
DD
t
8
.
0
V
SR
×
=
At fall
THL
DD
t
8
.
0
V
SR
×
=
VIN(+)
VOUT
(= VIN(-))
Figure 13


Similar Part No. - S-89713B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89713B-I8T1U SII-S-89713B-I8T1U Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S-89713B-K8T2U SII-S-89713B-K8T2U Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89713B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S89713 SII-S89713 Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Rohm
LMR1802G-LB ROHM-LMR1802G-LB Datasheet
1Mb / 23P
   Low Noise, Low Input Offset Voltage CMOS Operational Amplifier
LMR1803YG-C ROHM-LMR1803YG-C Datasheet
1Mb / 22P
   Automotive Low Noise Low Input Offset Voltage Precision CMOS Operational Amplifier
27.Apr.2022 Rev.001
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7071 NJRC-NJU7071 Datasheet
82Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7071 NJRC-NJU7071_03 Datasheet
103Kb / 3P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7051 NJRC-NJU7051 Datasheet
164Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com