Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5713NSH-M3T1S Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-5713NSH-M3T1S
Description  HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5713NSH-M3T1S Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-5713NSH-M3T1S Datasheet HTML 7Page - Seiko Instruments Inc S-5713NSH-M3T1S Datasheet HTML 8Page - Seiko Instruments Inc S-5713NSH-M3T1S Datasheet HTML 9Page - Seiko Instruments Inc S-5713NSH-M3T1S Datasheet HTML 10Page - Seiko Instruments Inc S-5713NSH-M3T1S Datasheet HTML 11Page - Seiko Instruments Inc S-5713NSH-M3T1S Datasheet HTML 12Page - Seiko Instruments Inc S-5713NSH-M3T1S Datasheet HTML 13Page - Seiko Instruments Inc S-5713NSH-M3T1S Datasheet HTML 14Page - Seiko Instruments Inc S-5713NSH-M3T1S Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Rev.2.0_00
S-5713A Series
Seiko Instruments Inc.
11
Precautions
• If the impedance of the power supply is high, the IC may malfunction due to a supply voltage drop caused by
through-type current. Take care with the pattern wiring to ensure that the impedance of the power supply is low.
• Note that the IC may malfunction if the power supply voltage rapidly changes.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• Large stress on this IC may affect on the magnetic characteristics. Avoid large stress which is caused by bend
and distortion during mounting the IC on a board or handle after mounting.
• When designing for mass production using an application circuit described herein, the product deviation and
temperature characteristics of the external parts should be taken into consideration. SII shall not bear any
responsibility for patent infringements related to products using the circuits described herein.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by products
including this IC of patents owned by a third party.


Similar Part No. - S-5713NSH-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5711A SII-S-5711A Datasheet
334Kb / 26P
   HALL IC
S-5711ACDH-M3T1S SII-S-5711ACDH-M3T1S Datasheet
334Kb / 26P
   HALL IC
S-5711ACDL-I4T1G SII-S-5711ACDL-I4T1G Datasheet
334Kb / 26P
   HALL IC
S-5711ACDL-M3T1S SII-S-5711ACDL-M3T1S Datasheet
334Kb / 26P
   HALL IC
S-5711ACSL-I4T1G SII-S-5711ACSL-I4T1G Datasheet
334Kb / 26P
   HALL IC
More results

Similar Description - S-5713NSH-M3T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S5715 SII-S5715 Datasheet
1Mb / 28P
   HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com