Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-11L10B21-M5T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-11L10B21-M5T1U
Description  SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-11L10B21-M5T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-11L10B21-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-11L10B21-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-11L10B21-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-11L10B21-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-11L10B21-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-11L10B21-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-11L10B21-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-11L10B21-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-11L10B21-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Rev.1.0_00
SUPER-LOW OUTPUT LOW DROPOUT
CMOS VOLTAGE REGULATOR
S-11L10 Series
Seiko Instruments Inc.
1
S-11L10 Series, developed using the CMOS technology, is a
positive voltage regulator IC which has the low output voltage,
the high-accuracy output voltage and the low current
consumption (150 mA output current).
A 1.0
µF small ceramic capacitor can be used. It operates with
low current consumption of 9
µA typ.
The overcurrent protection circuit prevents the load current
from exceeding the capacitance of output transistor.
The
power-off circuit ensures longer battery life.
Various capacitors, also small ceramic capacitors, can be used
for this IC more than for the conventional regulator ICs which
have CMOS technology.
Furthermore a small SOT-23-5 and SNT-6A(H) packages
realize high-density mounting.
Features
• Low output voltage:
0.8 V to 3.3 V, selectable in 0.05 V step.
• Low input voltage:
1.2 V to 3.65 V
• Low equivalent series resistance capacitor : Ceramic capacitor of 1.0 µF or more can be used as the I/O capacitor.
• High-accuracy output voltage:
±1.0% (0.8 V to 1.45 V output product : ±15 mV)
• Low dropout voltage:
210 mV typ. (products having the output of 1.5 V, IOUT = 100 mA)
• Low current consumption:
During operation:
9.0
µA typ., 16 µA max.
During power-off:
0.1
µA typ., 0.9 µA max.
• Output current:
Possible to output 150 mA (at VIN
≥ VOUT(S) + 1.0 V)
*1
• Ripple rejection:
60 dB typ. (at 1.0 kHz, VOUT = 1.25 V)
• Built-in overcurrent protection circuit:
limits overcurrent of output transistor
• Built-in power-off circuit:
Ensures long battery life.
• Discharge shunt function
• Selectable constant current source pull-down
• Small package:
SOT-23-5, SNT-6A(H)
• Lead-free product
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Power supply for mobile phones
• Power supply for portable equipment
Package
Drawing Code
Package Name
Package
Tape
Reel
Land
SOT-23-5
MP005-A
MP005-A
MP005-A
SNT-6A(H)
PI006-A
PI006-A
PI006-A
PI006-A


Similar Part No. - S-11L10B21-M5T1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1110A ETC2-S-1110A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1110AW ETC2-S-1110AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
   HIGH RIPPLE-REJECTION LOW DROPOUT
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-11L10B21-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S11L10 SII-S11L10 Datasheet
762Kb / 35P
   SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com