Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S-8365 Datasheet(PDF) 50 Page - Seiko Instruments Inc

Part No. S-8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-8365 Datasheet(HTML) 50 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365/8366 Series
Rev.1.1_00
Seiko Instruments Inc.
50
Condition 9 S-8365AABBA (VOUT(S) = 5.0 V)
Condition 10 S-8365ABBBA (VOUT(S) = 5.0 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
VIN = 4.2 V
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
VIN = 4.2 V
Condition 11 S-8366AABBA (VOUT(S) = 5.0 V)
Condition 12 S-8366ABBBA (VOUT(S) = 5.0 V)
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
VIN = 4.2 V
0.1
10000
100
0
50
70
80
30
10
20
40
60
90
1
10
100
1000
IOUT [mA]
VIN = 1.8 V
VIN = 2.4 V
VIN = 3.0 V
VIN = 4.2 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn