Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S-8365 Datasheet(PDF) 45 Page - Seiko Instruments Inc

Part No. S-8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-8365 Datasheet(HTML) 45 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.1.1_00
S-8365/8366 Series
Seiko Instruments Inc.
45
The properties of the external parts are shown below.
Table 21 Characteristics of External Parts
Part
Part Name
Manfuacturer
Characteristics
NR6028T-2R2M
Taiyo Yuden Co., Ltd.
2.2
µH, DCR
*1 = 0.020 Ω, IMAX*2 = 4.2 A,
L
× W × H = 6.0 × 6.0 × 2.8 mm
Inductor
LTF5022T-3R3M
TDK Corporation
3.3
µH, DCR
*1 = 0.060 Ω, IMAX*2 = 2.7 A,
L
× W × H = 5.0 × 5.2 × 2.2 mm
Diode
RB050LA-30
Rohm Co., Ltd.
VF
*3 = 0.45 V, IF*4 = 3.0 A, VR*5 = 30 V
L
× W × H = 4.7 × 2.6 × 1.05 mm
Transistor
MCH3406
Sanyo Semiconductor Co., Ltd.
VDSS
*6 = 20 V, VGSS*7 = ±10 V, ID*8 = 3.0 A,
QG
*9 = 8.8 nC typ.,
RDS(ON)
*10 = 0.082 Ω max. (VGS*11 = 2.5 V)
L
× W × H = 2.1 × 2.0 × 0.85 mm
C2012X5R1A106KT
10
µF, EDC
*12 = 10 V, X5R,
L
× W × H = 2.0 × 1.25 × 1.45 mm
C1005X7R1C104KT
TDK Corporation
0.1
µF, EDC
*12 = 16 V, X7R,
L
× W × H = 1.0 × 0.5 × 0.55 mm
Capacitor
GRM31CR71A106KA
Murata Manufacturing, Co., Ltd.
10
µF, EDC
*12 = 10 V, X7R,
L
× W × H = 3.2 × 1.6 × 1.6 mm
* 1. DCR :
DC resistance
* 2. IMAX :
Maximum allowable current
* 3. VF :
Forward voltage
* 4. IF :
Forward current
* 5. VR :
Reverse voltage
* 6. VDSS :
Drain-source voltage (during short-circuiting between the gate and source)
* 7. VGSS :
Gate-source voltage (during short-circuiting between the drain and source)
* 8. ID :
Drain current
* 9. QG :
Gate charge
*10. RDS(ON ):
On-resistance between the drain and source
*11. VGS :
Gate-source voltage
*12. EDC :
Rated voltage
Caution The values shown in the characteristics column of Table 21 above are based on the materials provided
by each manufacture. However, consider the characteristics of the original materials when using the
above products.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn