Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S-8365 Datasheet(PDF) 39 Page - Seiko Instruments Inc

Part No. S-8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-8365 Datasheet(HTML) 39 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.1.1_00
S-8365/8366 Series
Seiko Instruments Inc.
39
3.3 Shutdown pin response (VOUT = 5.0 V, VIN = 3.3 V, VON/OFF = 0 V
→ 3.3 V, PWM control, Ta = 25°C)
(1) fOSC = 1.2 MHz, IOUT = 1 mA S-8365AABBA
(2) fOSC = 1.2 MHz, IOUT = 600 mA S-8365AABBA
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
(3) fOSC = 600 kHz, IOUT = 1 mA S-8365ABBBA
(4) fOSC = 600 kHz, IOUT = 600 mA S-8365ABBBA
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
3.4
Shutdown pin response (VOUT = 5.0 V, VIN = 3.3 V, VON/OFF = 0 V
→ 3.3 V, PWM / PFM switching control, Ta = 25°C)
(1) fOSC = 1.2 MHz, IOUT = 1 mA S-8366AABBA
(2) fOSC = 1.2 MHz, IOUT = 600 mA S-8366AABBA
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
(3) fOSC = 600 kHz, IOUT = 1 mA S-8366ABBBA
(4) fOSC = 600 kHz, IOUT = 600 mA S-8366ABBBA
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
VOUT
VON/OFF
IL
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
VOUT
VON/OFF
IL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn