Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S-8365 Datasheet(PDF) 27 Page - Seiko Instruments Inc

Part No. S-8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-8365 Datasheet(HTML) 27 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.1.1_00
S-8365/8366 Series
Seiko Instruments Inc.
27
2. Power supply for LCD
Following shows a circuit example and its characteristics for driving an LCD panel (with 9 V and 15 V outputs).
L
S-8365/8366
Series
VDD
VSS
ON/OFF
FB
EXT
CDD
COUT
RFB1
RFB2
CFB
VOUT
CSP
CSP
M1
CIN
SD
Figure 23 Circuit Example (Power Supply for LCD)
Table 17 External Part Examples (Power Supply for LCD) (1 / 2)
Condition
Output
Voltage
IC Product
Name
L Product Name
M1 Product
Name
SD Product
Name
1
9 V
S-8365AABBA
NR6028T2R2M
Si2312BDS
RB050LA-30
2
9 V
S-8366AABBA
NR6028T2R2M
Si2312BDS
RB050LA-30
3
15 V
S-8365AABBA
NR6028T2R2M
Si2312BDS
RB050LA-30
4
15 V
S-8366AABBA
NR6028T2R2M
Si2312BDS
RB050LA-30
Table 17 External Part Examples (Power Supply for LCD) (2 / 2)
Condition
CIN Product Name
COUT Product Name
RFB1
RFB2
CFB
CDD
1
LMK212BJ106KG-T
EMK316BJ106KF-T
× 2 280 kΩ
20 k
22 pF
0.1
µF
2
LMK212BJ106KG-T
EMK316BJ106KF-T
× 1 280 kΩ
20 k
27 pF
0.1
µF
3
LMK212BJ106KG-T
TMK325B7106MN-T
× 2 360 kΩ
15 k
27 pF
0.1
µF
4
LMK212BJ106KG-T
TMK325B7106MN-T
× 1 360 kΩ
15 k
33 pF
0.1
µF
Caution The above connection will not guarantee successful operation. Perform thorough evaluation
using an actual application to set the constant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn