Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8365 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S-8365
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8365 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S-8365 Datasheet HTML 19Page - Seiko Instruments Inc S-8365 Datasheet HTML 20Page - Seiko Instruments Inc S-8365 Datasheet HTML 21Page - Seiko Instruments Inc S-8365 Datasheet HTML 22Page - Seiko Instruments Inc S-8365 Datasheet HTML 23Page - Seiko Instruments Inc S-8365 Datasheet HTML 24Page - Seiko Instruments Inc S-8365 Datasheet HTML 25Page - Seiko Instruments Inc S-8365 Datasheet HTML 26Page - Seiko Instruments Inc S-8365 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.1.1_00
S-8365/8366 Series
Seiko Instruments Inc.
23
6. Output voltage setting resistors (RFB1, RFB2), capacitor for phase compensation (CFB)
For the S-8365/8366 Series, VOUT can be set to any value by using external divider resistors. Connect the divider
resistors between the VOUT and VSS pins.
Because VFB = 0.6 V typ., VOUT can be calculated by using the following equation :
VOUT =
RFB1 + RFB2
RFB2
× 0.6
Connect divider resistors RFB1 and RFB2 as close to the IC as possible to minimize the effects of noise. If noise has
an effect, adjust the values of RFB1 and RFB2 so that RFB1 + RFB2 < 100 k
Ω.
CFB, which is connected in parallel with RFB1, is a capacitor for phase compensation.
By setting the zero point (the phase feedback) by adding capacitor CFB to output voltage setting resistor RFB1 in
parallel, the phase margin increases, improving the stability of the feedback loop. To effectively use the feedback
portion of the phase based on the zero point, define CFB by using the following equation :
CFB
L
× COUT
3
× RFB1
×
VOUT
VDD
This equation is only a guide.
The following explains the optimum setting.
To efficiently use the feedback portion of the phase based on the zero point, specify settings so that the phase
feeds back at the zero point frequency (fzero) of RFB1 and CFB according to the phase delay at the pole frequency
(fpole) of L and COUT. The zero point frequency is generally set slightly higher than the pole frequency.
The following equations are used to determine the pole frequency of L and COUT and the zero point frequency set
using RFB1 and CFB.
fpole
1
2
× π × L × COUT
×
VDD
VOUT
fzero
1
2
× π × RFB1 × CFB
The transient response can be improved by setting the zero point frequency in a lower frequency range. If, however,
the zero point frequency is set in a significantly lower range, the gain increases in the range of high frequency and
the phase margin decreases. This might result in unstable operation. Determine the proper value after sufficient
evaluation with actual application.
The typical constants based on our evaluation are shown in Table 15.
Table 15 Example of Constant for External Parts
VOUT(S) [V]
VDD [V]
RFB1 [k
Ω]
RFB2 [k
Ω]
CFB [pF]
L [
µH]
COUT [
µF]
1.8
1.2
30
15
100
3.3
10
1.8
1.2
30
15
82
2.2
10
3.32
1.2
68
15
82
3.3
10
3.32
1.2
68
15
68
2.2
10
5.0
1.8
110
15
68
3.3
22
5.0
1.8
110
15
56
2.2
22
9.0
3.3
210
15
39
3.3
22
9.0
3.3
210
15
33
2.2
22
15.0
3.3
360
15
39
3.3
22
15.0
3.3
360
15
33
2.2
22


Similar Part No. - S-8365

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S-8365AAAA-I6T1U2 SII-S-8365AAAA-I6T1U2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAAA-M5T1S2 SII-S-8365AAAA-M5T1S2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAAA-M5T1U2 SII-S-8365AAAA-M5T1U2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAAA-M6T1S2 SII-S-8365AAAA-M6T1S2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8365

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8363 SII-S8363 Datasheet
2Mb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
ABLIC Inc.
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
logo
Seiko Instruments Inc
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com