Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5187 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5187
Description  BNC (Male) With Molded Strain Relief To Minigrabber Test Clips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5187 Datasheet(HTML) 1 Page - Pomona Electronics

  5187 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
12/10/01 SY/EH/LS
PomonaACCESS 90458 (800) 444-6785 or (909) 469-2991
Last saved by SY
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheet \Market_01\D5187_1_02.doc
Page 1 of 1
Model 5187
BNC (Male) With Molded Strain
Relief To Minigrabber
® Test Clips
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
FEATURES:
• BNC Cable breakouts to Minigrabber® Test Clips for test versatility.
• BNC connector and breakout wires are molded directly to the cable for added pull strength.
• Grabber hook attaches to terminal sizes up to .060” (1,5mm)
• Schematic: Black Grabber to BNC Shell, Red Grabber to BNC Center Contact.
MATERIALS:
BNC: Body: Brass, Nickel Plated, Center Pin: Brass, Gold Plated, Impedance: 50 Ohms
Strain Relief and Molded Breakout: PVC, Color: Black
Breakout Wires: 20 AWG Stranding 41 x 36 t. c., PVC Insulated, .087” (2,21 mm) O.D.,
Color Matches Grabbers
Cable: “C” Cable: RG58C/U, .195” (5.0mm) O.D., Color: Black, 20AWG (Strand 19 x .0071 t.c.)
“K” Cable: RG174/U, .100” (2.5mm) O.D., Color: Black, 26 AWG (Strand 7 x 34 Bare Copper)
Marking “POMONA“ 5187-C-XX” or “5187-K-XX”
Grabber: Contact – Beryllium Copper, Gold Plated
Spring – Stainless Steel
Insulation – Glass Filled Nylon. Color: one red, one black
RATING:
Operating Voltage: 300 VRMS
Operating Temperature: 50°C (+122°F) Max.
ORDERING INFORMATION: Model 5187-Cable Code- Length in Inch
Cable Code: -C = RG58C/U, -K = RG174/U, XX = Lengths in Inches, Std. Lengths: 24” (60,96 cm), 36” (91,44 cm),
48” (121,92 cm) & 60” (152,40 cm) Additional lengths are available upon request.
Ordering Example: 5187-C-36, Cable will be 36” (91,44cm) of RG58C/U.


Similar Part No. - 5187

ManufacturerPart #DatasheetDescription
logo
Littelfuse
518 LITTELFUSE-518 Datasheet
69Kb / 1P
   MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
518 ETC2-518 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
Oscilent Corporation
518-4.0M-315A OSCILENT-518-4.0M-315A Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
518-4.0M-315B OSCILENT-518-4.0M-315B Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 5187

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5423 POMONA-5423 Datasheet
27Kb / 1P
   BNC Male With Molded Strain Relief To Minipincer Test Clips
4777 POMONA-4777 Datasheet
35Kb / 1P
   BNC (Male) With Strain Relief To Micrograbber Test Clips
5304 POMONA-5304 Datasheet
35Kb / 1P
   BNC (Male) With Strain Relief To SMD Grabber Test Clips
4531 POMONA-4531 Datasheet
28Kb / 1P
   BNC (Male) With Strain Relief To Alligator Clips
4945 POMONA-4945 Datasheet
41Kb / 1P
   BNC (Male) With Molded Strain Relief
3789 POMONA-3789 Datasheet
32Kb / 1P
   BNC Male To Minigrabber Test Clip Breakout
3787 POMONA-3787 Datasheet
26Kb / 1P
   BNC Male To Minigrabber짰 Test Clips
5189 POMONA-5189 Datasheet
31Kb / 1P
   BNC (Male) To Micrograbber Test Clips
4530 POMONA-4530 Datasheet
27Kb / 1P
   BNC (Male) With Molded Strain Relief To Stacking Double Banana Plug
3786 POMONA-3786 Datasheet
30Kb / 1P
   Minigrabber Test Clips To Double Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com