Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-11L10B11-M5T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-11L10B11-M5T1U
Description  SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-11L10B11-M5T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-11L10B11-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-11L10B11-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-11L10B11-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-11L10B11-M5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-11L10B11-M5T1U Datasheet HTML 11Page - Seiko Instruments Inc S-11L10B11-M5T1U Datasheet HTML 12Page - Seiko Instruments Inc S-11L10B11-M5T1U Datasheet HTML 13Page - Seiko Instruments Inc S-11L10B11-M5T1U Datasheet HTML 14Page - Seiko Instruments Inc S-11L10B11-M5T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.0_00
S-11L10 Series
Seiko Instruments Inc.
11
Standard Circuit
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
VSS
ON / OFF
*1.
CIN is a capacitor for stabilizing the input.
*2.
Ceramic capacitor of 1.0
µF or more can be used as CL.
Figure 11
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.
Condition of Application
Input capacitor (CIN) :
1.0
µF or more
Output capacitor (CL) :
1.0
µF or more (ceramic capacitor)
Caution A general series regulator may oscillate, depending on the external components. Confirm that no
oscillation occurs in the application for which the above capacitors are used.
Selection of Input and Output Capacitors (CIN, CL)
The S-11L10 Series requires an output capacitor between the VOUT and VSS pin for phase compensation. Operation is
stabilized by a ceramic capacitor with an output capacitance of 1.0
µF or more over the entire temperature range.
When using an OS capacitor, tantalum capacitor, or aluminum electrolytic capacitor, the capacitance must be 1.0
µF or
more.
The value of the output overshoot or undershoot transient response varies depending on the value of the output
capacitor. The required capacitance of the input capacitor differs depending on the application.
The recommended capacitance for an application is CIN
≥ 1.0 µF, CL ≥ 1.0 µF; however, when selecting the output
capacitor, perform sufficient evaluation, including evaluation of temperature characteristics, on the actual device.


Similar Part No. - S-11L10B11-M5T1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1110A ETC2-S-1110A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1110AW ETC2-S-1110AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
   HIGH RIPPLE-REJECTION LOW DROPOUT
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-11L10B11-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S11L10 SII-S11L10 Datasheet
762Kb / 35P
   SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com