Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8650 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX8650
Description  World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8650 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX8650 Datasheet HTML 3Page - Semtech Corporation SX8650 Datasheet HTML 4Page - Semtech Corporation SX8650 Datasheet HTML 5Page - Semtech Corporation SX8650 Datasheet HTML 6Page - Semtech Corporation SX8650 Datasheet HTML 7Page - Semtech Corporation SX8650 Datasheet HTML 8Page - Semtech Corporation SX8650 Datasheet HTML 9Page - Semtech Corporation SX8650 Datasheet HTML 10Page - Semtech Corporation SX8650 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ACS Revision V2.15/October 2009
©2009 Semtech Corp.
SX8650
www.semtech.com
Page 6
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
World’s Lowest Power & Smallest Footprint 4-wire
Resistive Touchscreen Controller with 15kV ESD
1.5. Pin Description
Pin Number #
Name
Type
Description
DFN
WLCSP
1
A2
VDD
Power
Input power supply connect to a 0.1uF capacitor to GND
2
A3
X+
Analog
X+ channel input
3
B3
Y+
Analog
Y+ channel input
4
C3
X-
Analog
X- channel input
5
D3
Y-
Analog
Y- channel input
6
D2
GND
Ground
Ground
7
B1
NIRQ
Digital Output / Open Drain Output
Interrupt output, active low. Need external pull-up resistor
8
C1
SDA
Digital Input / Open Drain Output
I2C data input/output
9
D1
SCL
Digital Input / Open Drain Output
I2C clock, input/output
10
C2
NRST
Digital Input / Output
Reset Input, active low. Need external 50k pull-up resistor
11
B2
A0
Digital Input
I2C slave address selection input
12
A1
AUX
Digital Input/Analog Input
Analog auxiliary input or conversion synchronization
13
GND
Ground
Die attach paddle, connect to Ground
Table 1. Pin description


Similar Part No. - SX8650

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650ICSTRT1 SEMTECH-SX8650ICSTRT1 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650ICSTRT1 SEMTECH-SX8650ICSTRT1 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650IWLTRT1 SEMTECH-SX8650IWLTRT1 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650IWLTRT1 SEMTECH-SX8650IWLTRT1 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
More results

Similar Description - SX8650

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650 SEMTECH-SX8650_10 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Hirose Electric
E.FL-LP-040 HIROSE-E.FL-LP-040 Datasheet
224Kb / 4P
   E.FL Coaxial Connectors with World Smallest Footprint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com