Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL1291 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # SPL1291
Description  RF Power Splitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

SPL1291 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  SPL1291 Datasheet HTML 1Page - American Accurate Components, Inc. SPL1291 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Splitters
SPLITTERS
Casing Outline Dimensions
01 Case (4 pins)
23 Case (N)
4-N(J)
Unit:mm
6(6.35)
10.55
4.2
φ5.08
4
1
2
2-M3
(for fix)
4-φ0.45
3
69.5
22.5
35.0
02 Case (8 pins)
9.2
5 4.2
10.3
5.08
24 Case (N)
5-N(J)
2-M3
(for fix)
WHITE BEAD Pin1
69.5
22.5
35.0
11 Case (SMA)
8.5
37
20
16
8.5
10
25 Case (N)
6-N(J)
2-M3(for fix)
4-M2.6
12 Case (SMA)
3-SMA(J)
3-SMA(J)
10
2-φ3.5(For Fix)
69.5
22.5
35.0
41 Case (BNC)
4-M3
12.7
P1
P2
SP
21 Case (N)
18
37
4-M3
12.7
8
57
18.5
20
18.5
18
18.5
57
20
18.5
18
91 Case
3-BNC(J)
4-1.2
8
3-N(J)
4-φ2.5
17
25.5
2.8
3.85
Specifications of products are subject to change without notice.
American Accurate Components, Inc.
Surface Mount Power Splitter/Combiner
The content of this specification may change without notification 11/08/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889


Similar Part No. - SPL1291

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPL10001031B ETC2-SPL10001031B Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL10001031MP ETC2-SPL10001031MP Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL10001031RD ETC2-SPL10001031RD Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL10001031RH ETC2-SPL10001031RH Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
SPL10001031RL ETC2-SPL10001031RL Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
More results

Similar Description - SPL1291

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
SPL1331 AAC-SPL1331 Datasheet
154Kb / 1P
   RF Power Splitter/Combiner
SPL7151 AAC-SPL7151 Datasheet
283Kb / 1P
   RF Power Splitter/Combiner
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
   Active RF Splitter
Rev. Sp0
ADA4302-4 AD-ADA4302-4_15 Datasheet
231Kb / 12P
   Active RF Splitter
REV. B
logo
Pulse A Technitrol Comp...
C4020NL PULSE-C4020NL Datasheet
81Kb / 2P
   RF DIFFERENTIAL SPLITTER
logo
Analog Devices
ADA4302-4 AD-ADA4302-4_05 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
logo
Pulse A Technitrol Comp...
CX4024NL PULSE-CX4024NL Datasheet
197Kb / 2P
   RF SPLITTER, 2-WAY
CX4005NL PULSE-CX4005NL Datasheet
194Kb / 2P
   RF SPLITTER, 2-WAY
CX4012LNL PULSE-CX4012LNL Datasheet
209Kb / 2P
   RF SPLITTER, 2-WAY
CX4004LNL PULSE-CX4004LNL Datasheet
178Kb / 2P
   RF SPLITTER, 2-WAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com