Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4911A-36-0 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4911A-36-0
Description  Retractable Sheath Banana Plug Patch Cord
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4911A-36-0 Datasheet(HTML) 1 Page - Pomona Electronics

  4911A-36-0 Datasheet HTML 1Page - Pomona Electronics 4911A-36-0 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model 4911A
Retractable Sheath Banana
Plug Patch Cord
USA: Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (.51 mm),
.xxx = ± .005” (.127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
D1094276 Rev 102
Copyright © 2007 11/25/2007
Page
1 of 2
Retractable Sheath
Insulated Tip
FEATURES:
Retractable sheath end allows interfacing to either standard sheathed or non-sheath style banana 1.66” (4mm)
jacks.
Plug and housing are molded directly to the cable in an integral one piece design and the wire is double crimped
for a long lasting connection.
Multi-leaf banana spring material is Beryllium Copper, nickel plated for extended insertion life cycle and low
contact resistance.
Test leads can mate to a broad assortment of Pomona probes, alligators, spade lugs, etc.
MATERIALS:
Retractable Sheath Banana Plug:
Banana Plug Body: Nickel Plated Brass
Banana Spring: Nickel Plated Beryllium Copper
Compression Spring: Stainless Steel
Tip: Polypropylene, Color Matches Color of Wire
Insulation: Polypropylene, Molded to the Plug and Wire. Color Matches Color of Wire.
Wire:
18 AWG, Stranding 65 x 36 t.c., PVC Insulated, .144 (3,66mm) O.D.
RATINGS:
Operating Voltage: 1000 Vrms IEC 1010-2-31, Category III
Current: 10 Amperes
Operating Temperature: +131° F (+55° C) Max.
ORDERING INFORMATION: Model 4911A-*Length-Color
Length = Standard Lengths are:
12” (30,48cm), 24” (60,96cm), 36” (91,44cm), 48” (121,92cm), & 60” (152,4cm).
Additional lengths can be quoted upon request.
Color = -0 (Black), -2 (Red)
Ordering Example: 4911A-12-2 (Patch Cord is 12” (30,48cm), Color is Red)


Similar Part No. - 4911A-36-0

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
49116-0211 MOLEX6-49116-0211 Datasheet
192Kb / 2P
   2.54mm (.100") Pitch 2 Way Female Housing Assemblie, Secondary Locking, Crash Sensor
More results

Similar Description - 4911A-36-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5291A POMONA-5291A Datasheet
155Kb / 1P
   Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
5343 POMONA-5343 Datasheet
61Kb / 1P
   Retractable Sheath Banana To BNC Male
5295 POMONA-5295 Datasheet
26Kb / 1P
   Low Voltage Retractable Sheath Banana Plug To Spade Lug
6727 POMONA-6727 Datasheet
143Kb / 2P
   Patch Cable, Multi-Stacking Sheath Banana Plug
6729 POMONA-6729 Datasheet
142Kb / 3P
   Sheath Banana Plug
logo
List of Unclassifed Man...
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
   Retractable Banana Plug
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
   Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
Pomona Electronics
6728 POMONA-6728 Datasheet
48Kb / 1P
   Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
1081-18-0 POMONA-1081-18-0 Datasheet
26Kb / 1P
   Miniature Stacking Banana Plug Patch Cord
1081 POMONA-1081 Datasheet
26Kb / 1P
   Miniature Stacking Banana Plug Patch Cord
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com