Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX811-31UG-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APX811-31UG-7
Description  Tiny microprocessor supervisors with manual reset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX811-31UG-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  APX811-31UG-7 Datasheet HTML 1Page - Diodes Incorporated APX811-31UG-7 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diodes.com
Announcement
New Product
APX811/812
NPA Number 001
The Diodes advantage
The APX810 and APX8123156 provide a simple cost effective solution for
µP/µC power supply supervisory applications
Circuit functions
µP supervisor and reset generator
µC supervisor and reset generator
Precision µP supervisor to monitor 2.5V, 3.0V, 3.3V and 5V power
supplies
Improves circuit reliability at low cost.
Wide range of thresholds to meet the needs of 2.5V, 3.0V, 3.3V
and 5V power supplies
The right threshold can be chosen to meet the needs of the system
Small footprint SOT143 green package
Small PCB area and halogen free
Manual reset (MR) input
Hardwire reset function to create manual reset or simple way of
coupling multiple supervisors together
No external components required
Reduces PCB area and cost.
Tiny microprocessor supervisors with
manual reset
Description
The APX811 and APX812 are
diodes latest addition to its
microprocessor supervisor
family.
These industry standard
devices provide power supply
monitoring for 2.5V, 3.0V, 3.3V
and 5V systems; ensuring that
µP/µC start up and recover
from power supply glitches into
a known state.
The APX811 has an active low
push-pull reset output while the
APX812 has an active high
push-pull reset output.
They are pin compatible to the
MAX811/MAX812 devices in
the tiny SOT143 package.
They are similar in function to
the APX809/APX810 and have
the added benefit of a manual
reset.
Both are available in green
mold compound as standard.


Similar Part No. - APX811-31UG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX811-31UG-7 DIODES-APX811-31UG-7 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
More results

Similar Description - APX811-31UG-7

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX16143 MAXIM-MAX16143 Datasheet
219Kb / 14P
   High-Voltage Supervisors with Manual Reset Input
2021
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com