Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBGF-A-3-1-200 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBGF-A-3-1-200
Description  Power Divider
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBGF-A-3-1-200 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBGF-A-3-1-200 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Divider
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Power Divider
Plug- in
A1
A4
C
2- way 180
° 0.1 to 1000MHz
Freq. Range
Insertion Loss
Isolation
VSWR
Unbalance
P/N
(MHz)
(dB)
(dB)
Phase
Amp.
Case
L
M
U
L
M
U
Max
(°)
(dB)
fL-fU
Typ/Max
Typ/Max
Typ/Max
Typ/Min
Typ/Min
Typ/Min
In
Out
Max
Max
JXWBGF-A-2-180-1-200
1-200
0.75/1.0
0.5/0.8
0.75/1.2
30/25
30/25
30/20
4
0.3
A1
JXWBGF-A-2-180-10-600
10-600
1.0/1.5
1.1/1.6
1.2/2.2
30/25
25/20
20/16
6
0.9
A1
JXWBGF-A-2-180-0.1-50
0.1-50
1.0/1.5
1.0/1.5
1.0/1.5
30/25
30/25
25/20
3
0.5
A1
JXWBGF-A-2-180-50-1000
50-1000
1.2/1.9
-
1.6/2.4
30/20
-
25/20
7
1.0
A1
JXWBGF-A-2-180-5-200
5-200
0.8/1.0
0.9/1.1
1.0/1.5
22/20
24/20
24/18
8
0.5
A1
Notes:
1. Operating Temperature : -40
OC to +80 OC. Storage Temperature : -55 OC to +85 OC.
2. L=low range [fL to 10 fL ]
M=mid range [10 fL to fU/2]
U=upper range[fU/2 to fU]
3- way 0
° 0.1 to 750MHz
Freq. Range
Insertion Loss
Isolation
VSWR
Unbalance
P/N
(MHz)
(dB)
(dB)
Phase
Amp.
Case
L
M
U
L
M
U
Max
(°)
(dB)
fL-fU
Typ/Max
Typ/Max
Typ/Max
Typ/Min
Typ/Min
Typ/Min
In
Out
Max
Max
JXWBGF-A-3-0.1-50
0.1-50
0.2/0.4
0.2/0.4
0.2/0.4
40/30
40/30
30/25
2
0.1
A1
JXWBGF-A-3-1-200
1-200
0.3/0.5
0.3/0.5
0.4/0.7
40/35
40/30
35/30
4
0.3
A1
JXWBGF-A-3-50-750
50-750
0.4/1.0
0.9/1.4
-
25/20
25/20
-
7
0.7
A4
JXWBGF-A-3-5-500
5-500
0.4/0.8
0.4/1.4
0.8/1.4
25/20
30/20
25/20
5
0.6
A1
Notes:
1. Operating Temperature : -40
OC to +80 OC. Storage Temperature : -55 OC to +85 OC.
2. L=low range [fL to 10 fL ]
M=mid range [10 fL to fU/2]
U=upper range[fU/2 to fU]
4- way 0
° 0.1 to 1000MHz
Freq. Range
Insertion Loss
Isolation
VSWR
Unbalance
P/N
(MHz)
(dB)
(dB)
Phase
Amp.
Case
L
M
U
L
M
U
Max
(°)
(dB)
fL-fU
Typ/Max
Typ/Max
Typ/Max
Typ/Min
Typ/Min
Typ/Min
In
Out
Max
Max
JXWBGF-A-4-0.1-200
0.1-200
0.4/0.6
0.5/0.75
0.7/1.0
30/20
25/20
25/20
8
0.3
A1
JXWBGF-A-4-1-500
1-500
0.4/0.8
0.5/1.0
0.8/1.5
25/20
25/18
25/18
5
0.5
A1
JXWBGF-C-4-0.1-200
0.1-200
0.4/0.6
0.5/0.8
0.7/1.0
30/20
30/20
25/20
6
0.5
C
JXWBGF-C-4-1-500
1-500
0.4/0.8
0.5/1.0
0.8/1.5
25/20
25/20
25/20
5
0.5
C
JXWBGF-C-4-810-960
810-960
-
1.0/1.2
-
25/20
-
-
6
0.6
C
JXWBGF-C-4-10-1000
10-1000
0.5/0.8
0.8/1.8
1.5/2.5
25/20
20/15
18/15
20
0.7
C
Notes:
1. Operating Temperature : -40
OC to +80 OC. Storage Temperature : -55 OC to +85 OC.
2. L=low range [fL to 10 fL ]
M=mid range [10 fL to fU/2]
U=upper range[fU/2 to fU]
5- way 0
° 1 to 300MHz
Freq. Range
Insertion Loss
Isolation
VSWR
Unbalance
P/N
(MHz)
(dB)
(dB)
Phase
Amp.
Case
L
M
U
L
M
U
Max
(°)
(dB)
fL-fU
Typ/Max
Typ/Max
Typ/Max
Typ/Min
Typ/Min
Typ/Min
In
Out
Max
Max
JXWBGF-C-5-1-300
1-300
0.2/0.5
0.6/1.0
1.5/2.0
25/20
23/20
20/18
8
0.6
C
Notes:
1. Operating Temperature : -40
OC to +80 OC. Storage Temperature : -55 OC to +85 OC.
2. L=low range [fL to 10 fL ]
M=mid range [10 fL to fU/2]
U=upper range[fU/2 to fU]
3. Custom Designs Available


Similar Part No. - JXWBGF-A-3-1-200

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-A-2-0.005-60 AAC-JXWBGF-A-2-0.005-60 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-A-2-0.1-450 AAC-JXWBGF-A-2-0.1-450 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-A-2-1-600 AAC-JXWBGF-A-2-1-600 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-A-2-10-1000 AAC-JXWBGF-A-2-10-1000 Datasheet
99Kb / 1P
   Power Divider
More results

Similar Description - JXWBGF-A-3-1-200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
   Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
   Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0013 MA-COM-MAPDCT0013_15 Datasheet
129Kb / 3P
   Power Divider
MAPDCT0033 MA-COM-MAPDCT0033_15 Datasheet
104Kb / 3P
   Power Divider
logo
American Accurate Compo...
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-H-3-1-300 AAC-JXWBGF-H-3-1-300 Datasheet
80Kb / 1P
   Power Divider
JXWBGF-A-2-90-10.2-11.2 AAC-JXWBGF-A-2-90-10.2-11.2 Datasheet
94Kb / 1P
   Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0026 MA-COM-MAPDCT0026_15 Datasheet
106Kb / 3P
   Power Divider
MAPDCT0030 MA-COM-MAPDCT0030_15 Datasheet
618Kb / 4P
   Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com