Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBGF-A-2-90-66-74 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBGF-A-2-90-66-74
Description  Power Divider
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBGF-A-2-90-66-74 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBGF-A-2-90-66-74 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Divider
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Power Divider
A1
E2
2- way 90
° Narrowband 5 to 900MHz
Plug- in
Freq. Range
Insertion Loss
Isolation
VSWR
Unbalance
P/N
(MHz)
(dB)
(dB)
Phase
Amp.
Case
(°)
(dB)
f
o
Typ/Max
Typ/Min
Typ
Max
Max
JXWBGF-A-2-90-10.2-11.2
10.2-11.2
0.2/0.3
25/20
1.2
3
0.8
A1
JXWBGF-A-2-90-20.4-22.4
20.4-22.4
0.2/0.3
25/20
1.2
3
0.8
A1
JXWBGF-A-2-90-57-63
57-63
0.2/0.3
25/20
1.2
3
0.8
A1
JXWBGF-A-2-90-427.5-472.5
427.5-472.5
0.2/0.6
25/17
1.3
3
0.9
A1
JXWBGF-E-2-90-4.75-5.25
4.75-5.25
0.3
25/20
1.1
3
0.7
E2
JXWBGF-E-2-90-28.5-31.5
28.5-31.5
0.3
25/20
1.1
3
0.7
E2
JXWBGF-E-2-90-57-63
57-63
0.3
25/20
1.1
3
0.7
E2
JXWBGF-E-2-90-56.5-63.5
56.5-63.5
0.3
25/20
1.1
3
0.7
E2
JXWBGF-E-2-90-152-168
152-168
0.3
25/17
1.2
3
0.7
E2
JXWBGF-E-2-90-855-945
855-945
0.3
25/15
1.3
3
0.9
E2
Notes:
1. Operating Temperature : -40
OC to +80 OC. Storage Temperature : -55 OC to +85 OC.
2- way 90
° 3.2 to 1000MHz
Freq. Range
Insertion Loss
Isolation
VSWR
Unbalance
P/N
(MHz)
(dB)
(dB)
Phase
Amp.
Case
fL-fU
Typ/Max
Typ/Min
Typ
(°)
Max
(dB)
Max
JXWBGF-A-2-90-3.2-6.4
3.2-6.4
0.2/0.5
25/20
1.2
3
1.8
A1
JXWBGF-A-2-90-6-12
6-12
0.3/0.7
25/20
1.2
3
1.0
A1
JXWBGF-A-2-90-7-14
7-14
0.3/0.7
25/20
1.2
3
1.0
A1
JXWBGF-A-2-90-8-16
8-16
0.3/0.7
25/20
1.2
3
1.0
A1
JXWBGF-A-2-90-10-20
10-20
0.3/0.7
25/20
1.2
3
1.0
A1
JXWBGF-A-2-90-12-25
12-25
0.3/0.7
25/20
1.2
3
1.0
A1
JXWBGF-A-2-90-15-30
15-30
0.3/0.7
25/20
1.2
3
1.0
A1
JXWBGF-A-2-90-20-40
20-40
0.3/0.7
25/20
1.2
3
1.0
A1
JXWBGF-A-2-90-25-50
25-50
0.3/0.7
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-30-60
30-60
0.3/0.7
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-35-70
35-70
0.3/0.7
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-40-80
40-80
0.3/0.7
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-55-90
55-90
0.3/0.7
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-50-100
50-100
0.3/0.8
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-66-74
66-74
0.2/0.3
25/20
1.2
0.8
0.25
A1
JXWBGF-A-2-90-80-120
80-120
0.3/0.7
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-100-160
100-160
0.3/0.7
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-120-180
120-180
0.3/0.7
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-120-240
120-240
0.4/0.8
25/20
1.2
3
1.5
A1
JXWBGF-A-2-90-150-250
150-250
0.4/0.8
25/20
1.3
3
1.5
A1
JXWBGF-A-2-90-150-300
150-300
0.4/0.8
25/20
1.3
4
1.5
A1
JXWBGF-A-2-90-250-400
250-400
0.5/0.9
23/16
1.3
4
1.5
A1
JXWBGF-A-2-90-350-450
350-450
0.3/0.9
23/16
1.3
5
1.5
A1
JXWBGF-A-2-90-450-550
450-550
0.5/0.9
19/15
1.3
5
1.5
A1
JXWBGF-A-2-90-550-1000
550-1000
0.3/0.6
25/20
3
1.5
A1
JXWBGF-A-2-90-20-60
20-60
0.8/1.0
23/20
1.3
3
1.2
A1
JXWBGF-A-2-90-30-90
30-90
0.8/1.2
23/18
1.3
3
1.2
A1
JXWBGF-A-2-90-10-50
10-50
0.8/1.0
25/20
1.5
3
1.0
A1
JXWBGF-A-2-90-20-100
20-100
0.8/1.0
25/20
1.5
3
1.0
A1
JXWBGF-A-2-90-60-300
60-300
0.9/1.2
25/18
1.5
4
1.0
A1
JXWBGF-A-2-90-3-32
3-32
1.0/1.5
25/20
1.5
4
1.5
A1
JXWBGF-A-2-90-25-250
25-250
1.3/1.8
25/17
1.5
6
1.5
A1
JXWBGF-A-2-90-50-500
50-500
1.7/2.0
25/17
1.5
7
1.5
A1
Notes:
1. Operating Temperature : -40
OC to +80 OC. Storage Temperature : -55 OC to +85 OC.


Similar Part No. - JXWBGF-A-2-90-66-74

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-A-2-0.005-60 AAC-JXWBGF-A-2-0.005-60 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-A-2-0.1-450 AAC-JXWBGF-A-2-0.1-450 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-A-2-1-600 AAC-JXWBGF-A-2-1-600 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-A-2-10-1000 AAC-JXWBGF-A-2-10-1000 Datasheet
99Kb / 1P
   Power Divider
More results

Similar Description - JXWBGF-A-2-90-66-74

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
   Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
   Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0013 MA-COM-MAPDCT0013_15 Datasheet
129Kb / 3P
   Power Divider
MAPDCT0033 MA-COM-MAPDCT0033_15 Datasheet
104Kb / 3P
   Power Divider
logo
American Accurate Compo...
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-H-3-1-300 AAC-JXWBGF-H-3-1-300 Datasheet
80Kb / 1P
   Power Divider
JXWBGF-A-2-180-1-200 AAC-JXWBGF-A-2-180-1-200 Datasheet
104Kb / 1P
   Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0026 MA-COM-MAPDCT0026_15 Datasheet
106Kb / 3P
   Power Divider
MAPDCT0030 MA-COM-MAPDCT0030_15 Datasheet
618Kb / 4P
   Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com