Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC2560E-03 Datasheet(PDF) 5 Page - Anaren Microwave

Part # XMC2560E-03
Description  Wideband Hybrid Coupler, 3 dB
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XMC2560E-03 Datasheet(HTML) 5 Page - Anaren Microwave

  XMC2560E-03 Datasheet HTML 1Page - Anaren Microwave XMC2560E-03 Datasheet HTML 2Page - Anaren Microwave XMC2560E-03 Datasheet HTML 3Page - Anaren Microwave XMC2560E-03 Datasheet HTML 4Page - Anaren Microwave XMC2560E-03 Datasheet HTML 5Page - Anaren Microwave XMC2560E-03 Datasheet HTML 6Page - Anaren Microwave XMC2560E-03 Datasheet HTML 7Page - Anaren Microwave XMC2560E-03 Datasheet HTML 8Page - Anaren Microwave XMC2560E-03 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Model XMC2560E-03
Rev B
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Definition of Measured Specifications
Parameter
Definition
Mathematical Representation
VSWR
(Voltage Standing Wave Ratio)
The impedance match of
the coupler to a 50
system. A VSWR of 1:1 is
optimal.
VSWR =
min
max
V
V
Vmax = voltage maxima of a standing wave
Vmin = voltage minima of a standing wave
Return Loss
The impedance match of
the coupler to a 50
system. Return Loss is
an alternate means to
express VSWR.
Return Loss (dB)= 20log
1
-
VSWR
1
VSWR
+
Insertion Loss
The input power divided
by the sum of the power
at the two output ports.
Insertion Loss(dB)= 10log
direct
cpl
in
P
P
P
+
Isolation
The input power divided
by the power at the
isolated port.
Isolation(dB)= 10log
iso
in
P
P
Phase Error (From Quadrature)
The difference in phase
angle between the two
output ports minus 90
o.
(Phase at coupled port – Phase at direct port)
– 90
o
Amplitude Balance
The power at each output
divided by the average
power of the two outputs.
10log
+
2
P
P
P
direct
cpl
cpl
and 10log
+
2
P
P
P
direct
cpl
direct


Similar Part No. - XMC2560E-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
More results

Similar Description - XMC2560E-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
logo
Yantel Corporation
HC07F03 YANTEL-HC07F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC19F03 YANTEL-HC19F03 Datasheet
2Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0650B03 YANTEL-HC0650B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0900A03 YANTEL-HC0900A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0900E03 YANTEL-HC0900E03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0900L03 YANTEL-HC0900L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC1400A03 YANTEL-HC1400A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com