Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TL431
Description  Programmable Output Voltage to 40V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TL431 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
2008 – Rev. 1.2
- 2 -
HTC
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Cathode Voltage
VKA
VREF
40
V
Cathode Current
IK
0.5
100
mA
Ordering Information
VREF
Package
Tolerance
Order No.
Package Marking
Supplied As
TL431C
TL431-C
TL431GC
TL431GC
Bulk
TL431CTA
TL431-C
0.5%
TL431GCTA
TL431GC
Tape
TL431A
TL431-A
TL431GA
TL431GA
Bulk
TL431ATA
TL431-A
1%
TL431GATA
TL431GA
Tape
TL431
TL431
TL431G
TL431G
Bulk
TL431TA
TL431
TO-92
2%
TL431GTA
TL431G
Tape
TL431CSF
431
0.5%
TL431GCSF
431
Reel
TL431ASF
431
1%
TL431GASF
431
Reel
TL431SF
431
SOT-23
2%
TL431GSF
431
Reel
0.5%
TL431CF
431
Reel
1%
TL431AF
431
Reel
2.495V
SOT-89
2%
TL431F
431
Reel


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
TL431 KEC-TL431 Datasheet
73Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
Shenzhen Tuofeng Semico...
TL431 TUOFENG-TL431 Datasheet
3Mb / 15P
   TL431 Adjustable Reference Source
Jan,2019 V1.0
logo
Kersemi Electronic Co.,...
TL431 KERSEMI-TL431 Datasheet
338Kb / 9P
   Thyristor
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
TL431AM ESTEK-TL431AM Datasheet
94Kb / 3P
   Programmable Output Voltage to 40V CHIP
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
   Programmable output voltage to 36V
logo
AUK corp
A431XSF AUK-A431XSF Datasheet
362Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431XM AUK-A431XM Datasheet
368Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
logo
Texas Instruments
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Maxim Integrated Produc...
MAX8625AEVKIT MAXIM-MAX8625AEVKIT Datasheet
100Kb / 7P
   Programmable Output Voltage from 1.25V to 4.2V
Rev 2; 4/09
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Hittite Microwave Corpo...
HMC955LC4B HITTITE-HMC955LC4B_12 Datasheet
1Mb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com