Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEC1-12706 Datasheet(PDF) 3 Page - HB Electronic Components

Part # TEC1-12706
Description  Thermoelectric Cooler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

TEC1-12706 Datasheet(HTML) 3 Page - HB Electronic Components

  TEC1-12706 Datasheet HTML 1Page - HB Electronic Components TEC1-12706 Datasheet HTML 2Page - HB Electronic Components TEC1-12706 Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Copyright HB Corporation. HB reserves the right to change these specifications without notice.
Rev 2.03
3
Ceramic Material: Alumina (Al2O3)
Solder Construction: 138ºC, Bismuth Tin (BiSn)
Size table:
A
B
C
Lead Length
40
40
3.8
Operating Tips
• Max. Operating Temperature: 138oC
• Do not exceed Imax or Vmax when
operating module.
• Please consult HB for moisture
protection options (seeling).
TEC1-12706
• Life expectancy: 200,000 hours
• Failure rate based on long time testings: 0.2%.


Similar Part No. - TEC1-12706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC1-12706 ETC2-TEC1-12706 Datasheet
119Kb / 3P
   Thermoelectric Cooler
More results

Similar Description - TEC1-12706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com