Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR2-16Y-40 Datasheet(PDF) 2 Page - HB Electronic Components

Part # STR2-16Y-40
Description  LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

STR2-16Y-40 Datasheet(HTML) 2 Page - HB Electronic Components

  STR2-16Y-40 Datasheet HTML 1Page - HB Electronic Components STR2-16Y-40 Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute maximum ratings(Ta=25
)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
2.6
W
Vcc
Vcc
13
V
1
Peak Forward Current*
I
400
mA
FP
Reverse Voltage
V
10
V
R
Operating Temperature
Topr
-25
~60
Storage Temperature
Tstg
-30
~85
1
* Condition for I
is pulse of 1/10 duty and 0.1msec width.
FP
Electrical and optical characteristics(Ta=25
)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Current
I
Vcc=12V
160
180
200
mA
F
Luminous Intensity
Iv
Vcc=12V
35
55
lm
Reverse Current
IR
VR=10V
-
-
180
µA
Color
Rank
Vcc=12V
Viewing Angle
Vcc=12V
35
-------
40 deg
1/2
STR2-16Y-40
nm
585~594


Similar Part No. - STR2-16Y-40

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16Y-130 HB-STR2-16Y-130 Datasheet
55Kb / 2P
   LED
STR2-16Y-80 HB-STR2-16Y-80 Datasheet
57Kb / 2P
   Low power consumption
More results

Similar Description - STR2-16Y-40

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com