Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60D1DPP-M0-T2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH60D1DPP-M0-T2
Description  Silicon N Channel IGBT Application: Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D1DPP-M0-T2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH60D1DPP-M0-T2 Datasheet HTML 1Page - Renesas Technology Corp RJH60D1DPP-M0-T2 Datasheet HTML 2Page - Renesas Technology Corp RJH60D1DPP-M0-T2 Datasheet HTML 3Page - Renesas Technology Corp RJH60D1DPP-M0-T2 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJH60D1DPP-M0
Preliminary
REJ03G1839-0100 Rev.1.00 Oct 14, 2009
Page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
/ Diode reverse current
ICES / IR
100
μA
VCE = 600 V, VGE = 0
Gate to emitter leak current
IGES
±1
μA
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4.0
6.0
V
VCE = 10 V, IC = 1 mA
VCE(sat)
1.8
2.2
V
IC = 8 A, VGE = 15 V
Note3
Collector to emitter saturation voltage
VCE(sat)
2.3
V
IC =16 A, VGE = 15 V
Note3
Input capacitance
Cies
290
pF
Output capacitance
Coes
25
pF
Reveres transfer capacitance
Cres
7.5
pF
VCE = 25 V
VGE = 0
f = 1 MHz
Total gate charge
Qg
12.0
nC
Gate to emitter charge
Qge
2.0
nC
Gate to collector charge
Qgc
6.0
nC
VGE = 15 V
VCE = 300 V
IC = 8 A
td(on)
25
ns
tr
35
ns
td(off)
40
ns
Switching time
tf
100
ns
IC = 8 A
RL = 37.5 Ω
VGE = 15 V
Rg = 5
Ω
FRD Forward voltage
VF
1.8
2.3
V
IF = 8 A
Note3
FRD reverse recovery time
trr
100
ns
IF = 8 A
diF/dt = 100 A/μs
Notes: 3. Pulse test.
4. Under development -The specifications potentially be changed without notice.


Similar Part No. - RJH60D1DPP-M0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_15 Datasheet
107Kb / 10P
   600V - 10A - IGBT Application: Inverter
More results

Similar Description - RJH60D1DPP-M0-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK_10 Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com