Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60F4DPK-00-T0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH60F4DPK-00-T0
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60F4DPK-00-T0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH60F4DPK-00-T0 Datasheet HTML 1Page - Renesas Technology Corp RJH60F4DPK-00-T0 Datasheet HTML 2Page - Renesas Technology Corp RJH60F4DPK-00-T0 Datasheet HTML 3Page - Renesas Technology Corp RJH60F4DPK-00-T0 Datasheet HTML 4Page - Renesas Technology Corp RJH60F4DPK-00-T0 Datasheet HTML 5Page - Renesas Technology Corp RJH60F4DPK-00-T0 Datasheet HTML 6Page - Renesas Technology Corp RJH60F4DPK-00-T0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJH60F4DPK
Preliminary
REJ03G1835-0100 Rev.1.00 Oct 13, 2009
Page 2 of 6
Electrical Characteristics
(Tj = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
100
μA
VCE = 600V, VGE = 0
Gate to emitter leak current
IGES
±1
μA
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4
8
V
VCE = 10V, IC = 1 mA
VCE(sat)
1.4
1.82
V
IC = 30 A, VGE = 15V
Note3
Collector to emitter saturation voltage
VCE(sat)
1.7
V
IC = 60 A, VGE = 15V
Note3
Input capacitance
Cies
1945
pF
Output capacitance
Coes
93
pF
Reverse transfer capacitance
Cres
33
pF
VCE = 25 V
VGE = 0 V
f = 1 MHz
td(on)
30
ns
tr
32
ns
td(off)
65
ns
Switching time
tf
80
ns
IC = 30 A, Resistive Load
VCC = 300V
VGE = 15V
Rg = 5
Ω Note3
VECF1
1.6
2.1
V
IF = 20 A
Note3
C-E diode forward voltage
VECF2
1.8
V
IF = 40 A
Note3
C-E diode reverse recovery time
trr
140
ns
IF = 20 A
diF/dt = 100 A/μs
Notes: 3. Pulse test


Similar Part No. - RJH60F4DPK-00-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F4DPK-00-T0 RENESAS-RJH60F4DPK-00-T0 Datasheet
88Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJH60F4DPK-00-T0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com