Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S12PW3C Datasheet(PDF) 1 Page - HB Electronic Components

Part # S12PW3C
Description  LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

S12PW3C Datasheet(HTML) 1 Page - HB Electronic Components

  S12PW3C Datasheet HTML 1Page - HB Electronic Components S12PW3C Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED SPECIFICATION
Page: 1 of 2
Part No.: S12PW3C
Features:
Highest Flux White
High reliability and Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
NO UV
Superior ESD protection
RoHS Compliant
Typical Applications:
Reading lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Automotive Exterior (Stop-Tail-Turn,
CHMSL, Mirror Side Repeat)
Decorative
NOTE:
All dimensions are millimeter.
Tolerance is ±0.25mm unless noted
Radiation Angle
DIRECTIVITY
0
90°
30°
60°
Ta=25°C
IF=350mA
0.5
1.0
0.5
90°
1.0
30°
60°
Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION


Similar Part No. - S12PW3C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
S12PW3C-B HB-S12PW3C-B Datasheet
163Kb / 2P
   LED
More results

Similar Description - S12PW3C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com