Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-AT65609EHW Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PS-AT65609EHW
Description  MICROCIRCUIT, DIGITAL, MEMORY, 8K x 8-Bit, 5V Very Low Power CMOS SRAM, MONOLITHIC SILICON
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PS-AT65609EHW Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PS-AT65609EHW Datasheet HTML 7Page - ATMEL Corporation PS-AT65609EHW Datasheet HTML 8Page - ATMEL Corporation PS-AT65609EHW Datasheet HTML 9Page - ATMEL Corporation PS-AT65609EHW Datasheet HTML 10Page - ATMEL Corporation PS-AT65609EHW Datasheet HTML 11Page - ATMEL Corporation PS-AT65609EHW Datasheet HTML 12Page - ATMEL Corporation PS-AT65609EHW Datasheet HTML 13Page - ATMEL Corporation PS-AT65609EHW Datasheet HTML 14Page - ATMEL Corporation PS-AT65609EHW Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PS-AT65609EHW
Rev A
11/30
TABLE 2 - Write Cycle Timing.
Limits
Symbol
Test
Test
method Mil-
Std-883
Conditions
-55
°C ≤ T
C ≤ +125°C
+4.5 V
≤ Vcc ≤ +5.5 V
unless otherwise specified
Min
Max
Unit
TAVAW
Write cycle time
3003
Vcc = 4.5V & 5.5V
Notes 1,6
40
ns
TAVWL
Address set-up time
3003
Vcc = 4.5V & 5.5V
Notes 1,6
0
ns
TAVWH
Address valid to end of
write
3003
Vcc = 4.5V
Notes 1,6
35
ns
TDVWH
Data set-up time
3003
Vcc = 4.5V
Notes 1,7
22
ns
TE1LWH
1
CS low to write end
3003
Vcc = 4.5V
Notes 1,6
35
ns
TE2HWH
CE high to write end
3003
Vcc = 4.5V
Notes 1,6
35
ns
TWLQZ
Write low to high Z
3003
Vcc = 4.5V & 5.5V
Note 8
17
ns
TWLWH
Write pulse width
3003
Vcc = 4.5V
Notes 1,7
35
ns
TWHAX
Address hold from to end
of write
3003
Vcc = 4.5V & 5.5V
Notes 1,6
3
ns
TWHDX
Data hold time
3003
Vcc = 4.5V & 5.5V
Notes 1,7
0
ns
TWHQX
Write high to low Z
3003
Vcc = 4.5V & 5.5V
Note 8
0
ns
TABLE 3 - Read Cycle Timing.
Limits
Symbol
Test
Test
method Mil-
Std-883
Conditions
-55
°C ≤ T
C ≤ +125°C
+4.5 V
≤ Vcc ≤ +5.5 V
unless otherwise specified
Min
Max
Unit
TAVAV
Read cycle time
3003
Vcc = 4.5V & 5.5V
Notes 1,6
40
ns
TAVQV
Address access time
3003
Vcc = 4.5V & 5.5V
Notes 1,7
40
ns
TAVQX
Address valid to low Z
3003
Vcc = 5.5V
Notes 1,6
3
TE1LQV
Chip-select1 access time
3003
Vcc = 4.5V
Notes 1,7
40
ns
TE1LQX
1
CS low to low Z
3003
Vcc = 4.5V & 5.5V
Note 8
3
ns
TE1HQZ
1
CS high to high Z
3003
Vcc = 4.5V & 5.5V
Note 8
15
ns
TE2HQV
Chip-select2 access time
3003
Vcc = 4.5V
Notes 1,7
40
ns
TE2HQX
CE high to low Z
3003
Vcc = 4.5V & 5.5V
Note 8
3
ns
TE2LQZ
CE low to high Z
3003
Vcc = 4.5V & 5.5V
Note 8
15
ns
TGLQV
Ouput Enable access time
3003
Vcc = 4.5V
Notes 1,7
15
ns
TGLQX
OE low to low Z
3003
Vcc = 4.5V & 5.5V
Note 8
0
ns
TGHQZ
OE high to high Z
3003
Vcc = 4.5V & 5.5V
Note 8
10
ns


Similar Part No. - PS-AT65609EHW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PS-AT17LV010 ATMEL-PS-AT17LV010 Datasheet
137Kb / 15P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 1 MEGABIT SERIAL EEPROM, MONOLITHIC SILICON
PS-AT7909E ATMEL-PS-AT7909E Datasheet
208Kb / 20P
   MICROCIRCUIT, DIGITAL, CMOS, MONOLITHIC SILICON SINGLE CHIP TELEMETRY AND TELECOMMAND AT7909E
More results

Similar Description - PS-AT65609EHW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-8866 ETC2-5962-8866 Datasheet
170Kb / 22P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 32K X 8 STATIC RAM (SRAM), MONOLITHIC SILICON
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264_1008 LYONTEK-LY6264_1008 Datasheet
287Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
5962-90899 ETC1-5962-90899 Datasheet
207Kb / 27P
   MICROCIRCUIT, MEMORY, DIGITAA, CMOS, 128K X 8 BIT FLASH EEPROM, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com