Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR4252 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR4252
Description  All-in-One IC Solution for Active Antennas
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4252 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATR4252 Datasheet HTML 2Page - ATMEL Corporation ATR4252 Datasheet HTML 3Page - ATMEL Corporation ATR4252 Datasheet HTML 4Page - ATMEL Corporation ATR4252 Datasheet HTML 5Page - ATMEL Corporation ATR4252 Datasheet HTML 6Page - ATMEL Corporation ATR4252 Datasheet HTML 7Page - ATMEL Corporation ATR4252 Datasheet HTML 8Page - ATMEL Corporation ATR4252 Datasheet HTML 9Page - ATMEL Corporation ATR4252 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
9154AS–AUDR–09/09
ATR4252 [Preliminary]
5.
Electrical Characteristics
Verified on test circuits (demo design made by Atmel), VS = 10 V, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
1.1
Supply current
AGC OFF
VS, FMC,
AM LNA OUT
Is
77
mA
FMAGC ON
VS, FMC,
AM LNA OUT
Is
85
95
mA
T
amb = –40 to +105°C;
FMAGC ON
VS, FMC,
AM LNA OUT
Is
99
mA
2
AM LNA+ Buffer(2)
2.1
Input capacitance
f = 1 MHz
AM LNA IN
C
AMLNAIN
12
pF
2.4
Voltage gain
f = 1 MHz
AM/FM-OUT
9
dB
2.5
Input noise voltage
Buffer OUT,
R
BIAS = 4.7 MΩ, B = 9 kHz
f = 1 MHz
Antenna
Dummy Input
VN
12
dBµV
2.7
Maximum operating
frequency
3 dB corner
AM/FM-OUT
30
MHz
2.8
OIP3(1)
AM/FM Out;
finp = 1 MHz + 1.1 MHz,
V
out = 110 dBµV,
1K II 500 pF load,
Vs = 10V
144
dBµV
2.9
OIP2(1)
AM/FM Out;
f
inp = 1MHz + 1.1MHz,
Vout = 110 dBµV,
1K II 500 pF load,
Vs = 10V
170
dBµV
4AM AGC
4.1
Input resistance
AM DET
R
AMDET
40
50
k
Ω
4.2
Input capacitance
f = 1 MHz
AM DET
CAMDET
2.6
3.2
3.8
pF
4.4
3 dB corner frequency
AGC threshold increased by
3dB
AM PD
30
MHz
4.5
Saturation voltage
10 mA
AM PD
VS – 1.9
V
4.6
Leakage current
AM PD
4
µA
4.7
Maximum PIN Diode
current
AGC active
AM PD
22
35
mA
5FM Amplifier
5.3
Supply current
Common base
FMC
I
FMC
29
mA
5.4
Supply current (3)
Common emitter
FMC
IFMC
35
mA
5.5
Maximum output
voltage
Vs = 10V
FMC
12
Vpp
5.6
Input resistance
f = 100 MHz
FM IN
RFMIN
50
Ω
5.7
Maximum operating
frequency
3dB corner,
common emitter
FM OUT
450
MHz
5.8
Output resistance
f = 100 MHz
FM OUT
RFMOUT
50
Ω
Notes:
1. AGC Loop deactivated
2. Measured with antenna dummy.


Similar Part No. - ATR4252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251 Datasheet
374Kb / 21P
   Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251 ATMEL-ATR4251 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
ATR4251-PFPY ATMEL-ATR4251-PFPY Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
ATR4251-PFQY ATMEL-ATR4251-PFQY Datasheet
374Kb / 21P
   Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251-PFQY ATMEL-ATR4251-PFQY Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
More results

Similar Description - ATR4252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4253 ATMEL-ATR4253 Datasheet
330Kb / 9P
   Highly Integrated - All-in-one Active Antenna IC Integrated AGC
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
   First all-in-one full NFC controller solution
2016
logo
Shenzhen Huazhimei Semi...
HM5911 HMSEMI-HM5911 Datasheet
999Kb / 6P
   20V Stadoff, 2.4A Charger with 2.4a OTG for power Bank All-in-one solution
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
   All-in-One GNSS
logo
Vincotech
A1084-A VINCOTECH-A1084-A Datasheet
241Kb / 2P
   Miniaturized GPS receiver for passive and active antennas
logo
Zoran Corporation
QUATRO4200 ZORAN-QUATRO4200 Datasheet
128Kb / 2P
   Programmable SOC Solution for Printers and All-in-Ones
QUATRO4050 ZORAN-QUATRO4050 Datasheet
114Kb / 2P
   Programmable SOC Solution for Printers and All-in-Ones
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
   ALL IN ONE??POWER TRANSFORMERS
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
   ALL IN ONE MOUSE CONTROLLER
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
   All-In-One Motion Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com