Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02BN-SP25-B Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C02BN-SP25-B
Description  Two-wire Automotive Temperature Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02BN-SP25-B Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C02BN-SP25-B Datasheet HTML 6Page - ATMEL Corporation AT24C02BN-SP25-B Datasheet HTML 7Page - ATMEL Corporation AT24C02BN-SP25-B Datasheet HTML 8Page - ATMEL Corporation AT24C02BN-SP25-B Datasheet HTML 9Page - ATMEL Corporation AT24C02BN-SP25-B Datasheet HTML 10Page - ATMEL Corporation AT24C02BN-SP25-B Datasheet HTML 11Page - ATMEL Corporation AT24C02BN-SP25-B Datasheet HTML 12Page - ATMEL Corporation AT24C02BN-SP25-B Datasheet HTML 13Page - ATMEL Corporation AT24C02BN-SP25-B Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
8517C–SEEPR–01/09
AT24C01B/02B/04B/08B
operation desired. Only if the internal write cycle has completed will the EEPROM respond with
a “0”, allowing the read or write sequence to continue.
11. Read Operations
Read operations are initiated the same way as write operations with the exception that the
read/write select bit in the device address word is set to “1”. There are three read operations:
current address read, random address read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last
address accessed during the last read or write operation, incremented by one. This address
stays valid between operations as long as the chip power is maintained. The address “roll over”
during read is from the last byte of the last memory page to the first byte of the first page. The
address “roll over” during write is from the last byte of the current page to the first byte of the
same page.
Once the device address with the read/write select bit set to “1” is clocked in and acknowledged
by the EEPROM, the current address data word is serially clocked out. The microcontroller does
not respond with an input “0” but does generate a following stop condition (see Figure 11-4 on
page 11).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data
word address. Once the device address word and data word address are clocked in and
acknowledged by the EEPROM, the microcontroller must generate another start condition. The
microcontroller now initiates a current address read by sending a device address with the
read/write select bit high. The EEPROM acknowledges the device address and serially clocks
out the data word. The microcontroller does not respond with a “0” but does generate a following
stop condition (see Figure 11-5 on page 11).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a ran-
dom address read. After the microcontroller receives a data word, it responds with an
acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment
the data word address and serially clock out sequential data words. When the memory address
limit is reached, the data word address will “roll over” and the sequential read will continue. The
sequential read operation is terminated when the microcontroller does not respond with a “0” but
does generate a following stop condition (see Figure 11-6 on page 12).
Figure 11-1. Device Address
MSB
1K/2K
1
0
1
0
A2 A1 A0 R/W
4K
1
0
1
0
A2 A1 P0 R/W
8K
1
0
1
0
A2 P1 P0 R/W


Similar Part No. - AT24C02BN-SP25-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02BN-SH-B ATMEL-AT24C02BN-SH-B Datasheet
687Kb / 26P
   Two-wire Serial EEPROM
AT24C02BN-SH-T ATMEL-AT24C02BN-SH-T Datasheet
676Kb / 26P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C02BN-SP25-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com