Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATxmega16A4 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATxmega16A4
Description  8/16-bit XMEGA A4 Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega16A4 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATxmega16A4 Datasheet HTML 7Page - ATMEL Corporation ATxmega16A4 Datasheet HTML 8Page - ATMEL Corporation ATxmega16A4 Datasheet HTML 9Page - ATMEL Corporation ATxmega16A4 Datasheet HTML 10Page - ATMEL Corporation ATxmega16A4 Datasheet HTML 11Page - ATMEL Corporation ATxmega16A4 Datasheet HTML 12Page - ATMEL Corporation ATxmega16A4 Datasheet HTML 13Page - ATMEL Corporation ATxmega16A4 Datasheet HTML 14Page - ATMEL Corporation ATxmega16A4 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
11
8069L–AVR–11/09
XMEGA A4
7.3
In-System Programmable Flash Program Memory
The XMEGA A4 devices contain On-chip In-System Programmable Flash memory for program
storage, see Figure 7-1 on page 11. Since all AVR instructions are 16- or 32-bits wide, each
Flash address location is 16 bits.
The Program Flash memory space is divided into Application and Boot sections. Both sections
have dedicated Lock Bits for setting restrictions on write or read/write operations. The Store Pro-
gram Memory (SPM) instruction must reside in the Boot Section when used to write to the Flash
memory.
A third section inside the Application section is referred to as the Application Table section which
has separate Lock bits for storage of write or read/write protection. The Application Table sec-
tion can be used for storing non-volatile data or application software.
The Application Table Section and Boot Section can also be used for general application
software.
Figure 7-1.
Flash Program Memory (Hexadecimal address)
Word Address
0
Application Section
(128 KB/64 KB/32 KB/16 KB)
...
EFFF
/
77FF
/
37FF
/
17FF
F000
/
7800
/
3800
/
1800
Application Table Section
(4 KB/4 KB/4 KB/4 KB)
FFFF
/
7FFF
/
3FFF
/
1FFF
10000
/
8000
/
4000
/
2000
Boot Section
(8 KB/4 KB/4 KB/4 KB)
10FFF
/
87FF
/
47FF
/
27FF


Similar Part No. - ATxmega16A4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA16A4 ATMEL-ATXMEGA16A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA16A4 ATMEL-ATXMEGA16A4 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATxmega16A4 ATMEL-ATxmega16A4 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA16A4 ATMEL-ATXMEGA16A4 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA16A4-AU ATMEL-ATXMEGA16A4-AU Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATxmega16A4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com