Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATxmega256A3-MH Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATxmega256A3-MH
Description  8/16-bit XMEGA A3 Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega256A3-MH Datasheet(HTML) 4 Page - ATMEL Corporation

  ATxmega256A3-MH Datasheet HTML 1Page - ATMEL Corporation ATxmega256A3-MH Datasheet HTML 2Page - ATMEL Corporation ATxmega256A3-MH Datasheet HTML 3Page - ATMEL Corporation ATxmega256A3-MH Datasheet HTML 4Page - ATMEL Corporation ATxmega256A3-MH Datasheet HTML 5Page - ATMEL Corporation ATxmega256A3-MH Datasheet HTML 6Page - ATMEL Corporation ATxmega256A3-MH Datasheet HTML 7Page - ATMEL Corporation ATxmega256A3-MH Datasheet HTML 8Page - ATMEL Corporation ATxmega256A3-MH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
4
8068O–AVR–11/09
XMEGA A3
3.
Overview
The XMEGA A3 is a family of low power, high performance and peripheral rich CMOS 8/16-bit
microcontrollers based on the AVR® enhanced RISC architecture. By executing powerful
instructions in a single clock cycle, the XMEGA A3 achieves throughputs approaching 1 Million
Instructions Per Second (MIPS) per MHz allowing the system designer to optimize power con-
sumption versus processing speed.
The AVR CPU combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction, executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs many times faster than conven-
tional single-accumulator or CISC based microcontrollers.
The XMEGA A3 devices provide the following features: In-System Programmable Flash with
Read-While-Write capabilities, Internal EEPROM and SRAM, four-channel DMA Controller,
eight-channel Event System, Programmable Multi-level Interrupt Controller, 50 general purpose
I/O lines, 16-bit Real Time Counter (RTC), seven flexible 16-bit Timer/Counters with compare
modes and PWM, seven USARTs, two Two Wire Serial Interfaces (TWIs), three Serial Periph-
eral Interfaces (SPIs), AES and DES crypto engine, two 8-channel 12-bit ADCs with optional
differential input with programmable gain, one 2-channel 12-bit DACs, four analog comparators
with window mode, programmable Watchdog Timer with separate Internal Oscillator, accurate
internal oscillators with PLL and prescaler and programmable Brown-Out Detection.
The Program and Debug Interface (PDI), a fast 2-pin interface for programming and debugging,
is available. The devices also have an IEEE std. 1149.1 compliant JTAG test interface, and this
can also be used for On-chip Debug and programming.
The XMEGA A3 devices have five software selectable power saving modes. The Idle mode
stops the CPU while allowing the SRAM, DMA Controller, Event System, Interrupt Controller and
all peripherals to continue functioning. The Power-down mode saves the SRAM and register
contents but stops the oscillators, disabling all other functions until the next TWI or pin-change
interrupt, or Reset. In Power-save mode, the asynchronous Real Time Counter continues to run,
allowing the application to maintain a timer base while the rest of the device is sleeping. In
Standby mode, the Crystal/Resonator Oscillator is kept running while the rest of the device is
sleeping. This allows very fast start-up from external crystal combined with low power consump-
tion. In Extended Standby mode, both the main Oscillator and the Asynchronous Timer continue
to run. To further reduce power consumption, the peripheral clock for each individual peripheral
can optionally be stopped in Active mode and Idle sleep mode.
The device is manufactured using Atmel's high-density nonvolatile memory technology. The pro-
gram Flash memory can be reprogrammed in-system through the PDI or JTAG. A Bootloader
running in the device can use any interface to download the application program to the Flash
memory. The Bootloader software in the Boot Flash section will continue to run while the Appli-
cation Flash section is updated, providing true Read-While-Write operation. By combining an
8/16-bit RISC CPU with In-System Self-Programmable Flash, the Atmel XMEGA A3 is a power-
ful microcontroller family that provides a highly flexible and cost effective solution for many
embedded applications.
The XMEGA A3 devices are supported with a full suite of program and system development
tools including: C compilers, macro assemblers, program debugger/simulators, programmers,
and evaluation kits.


Similar Part No. - ATxmega256A3-MH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3-MH ATMEL-ATXMEGA256A3-MH Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
More results

Similar Description - ATxmega256A3-MH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com