Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA128A1-AU Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATXMEGA128A1-AU
Description  8/16-bit XMEGA A1 Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A1-AU Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATXMEGA128A1-AU Datasheet HTML 43Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 44Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 45Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 46Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 47Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 48Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 49Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 50Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
47
8067I–AVR–04/09
XMEGA A1
27. OCD - On-chip Debug
27.1
Features
Complete Program Flow Control
– Go, Stop, Reset, Step into, Step over, Step out, Run-to-Cursor
Debugging on C and high-level language source code level
Debugging on Assembler and disassembler level
1 dedicated program address or source level breakpoint for AVR Studio / debugger
4 Hardware Breakpoints
Unlimited Number of User Program Breakpoints
Unlimited Number of User Data Breakpoints, with break on:
– Data location read, write or both read and write
– Data location content equal or not equal to a value
– Data location content is greater or less than a value
– Data location content is within or outside a range
– Bits of a data location are equal or not equal to a value
Non-Intrusive Operation
– No hardware or software resources in the device are used
High Speed Operation
– No limitation on debug/programming clock frequency versus system clock frequency
27.2
Overview
The XMEGA A1 has a powerful On-Chip Debug (OCD) system that - in combination with Atmel’s
development tools - provides all the necessary functions to debug an application. It has support
for program and data breakpoints, and can debug an application from C and high level language
source code level, as well as assembler and disassembler level. It has full Non-Intrusive Opera-
tion and no hardware or software resources in the device are used. The ODC system is
accessed through an external debugging tool which connects to the JTAG or PDI physical inter-
faces. Refer to “PDI - Program and Debug Interface” on page 48.


Similar Part No. - ATXMEGA128A1-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results

Similar Description - ATXMEGA128A1-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com