Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF6M32M6V-120 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF6M32M6V-120
Description  FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF6M32M6V-120 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF6M32M6V-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF6M32M6V-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF6M32M6V-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF6M32M6V-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF6M32M6V-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF6M32M6V-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF6M32M6V-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF6M32M6V-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF6M32M6V-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HANBit
HMF6M32M6V
URL:www.hbe.co.kr
3
HANBit Electronics Co., Ltd.
REV1.0 (June, 2003)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage on Vcc Supply Relative to Vss
VCC
-0.5V to +4.0V
A9, /OE, /RESET, /WP_ACC Relative to Vss
VIN,OUT
-0.5V to +12.5V
Voltage on All other Pins Relative to Vss
VIN,OUT
-0.5V to +4.0V
Power Dissipation
PD
6W
Storage Temperature
TSTG
-65oC to +150oC
Operating Temperature ( Industrial )
-40oC to +85oC
Operating Temperature ( Extended )
TA
-55oC to +125oC
w
Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Supply Voltage
VCC
2.7V
3.0V
3.6V
Ground
VSS
0
0
0
Input High Voltage
VIH
2.0
-
Vcc+0.3V
Input Low Voltage
VIL
-0.5
-
0.8V
DC CHARACTERISTICS (CMOS Compatible)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
ILI
Input Load Current
VIN=Vss to Vcc, Vcc=Vcc max
±3.0
uA
ILIT
A9 Input Load Current
Vcc= Vcc max ; A9=12.5V
35
uA
ILO
Output Leakage Current
VOUT= Vss to Vcc, Vcc= Vcc max
±1.0
uA
5MHZ
60
96
ICC1
Vcc Active Read Current
(Note1)
/CE=VIL, /OE=VIH
Word Mode
1MHZ
12
24
mA
ICC2
Vcc Active Write Current
(Note 2 and 4)
/CE=VIL, /OE=VIH
90
180
mA
ICC3
Vcc Standby Current
Vcc=Vcc max ; /CE,/Reset=Vcc
±0.3V
1.2
30
uA
ICC4
Vcc Standby Current During
Reset
Vcc=Vcc max ; /Reset=Vss
±0.3V
1.2
30
uA
ICC5
Automatic Sleep
Mode(Note3)
VIH=Vcc±0.3V;
VIL=Vss±0.3V
1.2
30
uA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
0.7xVcc
Vcc+0.3
V
VID
Voltage for Autoselect and
Temporary Unprotect
Vcc=3.0V
± 10%
11.5
12.5
V
VOL
Output Low Voltage
IOL=4.0mA, Vcc=Vcc min
0.45
V
VOH1
IOH=-2.0mA, Vcc=Vcc min
0.85xVcc
V
VOH2
Output High Voltage
IOH=-100uA, Vcc= Vcc min
Vcc-0.4
V
VLKO
Low Vcc Lock-Out Voltage
2.3
2.5
V


Similar Part No. - HMF6M32M6V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF6M32M6VA HANBIT-HMF6M32M6VA Datasheet
424Kb / 13P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF6M32M6VA-120 HANBIT-HMF6M32M6VA-120 Datasheet
424Kb / 13P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF6M32M6VA-90 HANBIT-HMF6M32M6VA-90 Datasheet
424Kb / 13P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
More results

Similar Description - HMF6M32M6V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF6M32M6VA HANBIT-HMF6M32M6VA Datasheet
424Kb / 13P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com