Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8A66156SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R8A66156SP
Description  24-bit I/O EXPANDER WITH LED DRIVE FUNCTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66156SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R8A66156SP Datasheet HTML 1Page - Renesas Technology Corp R8A66156SP Datasheet HTML 2Page - Renesas Technology Corp R8A66156SP Datasheet HTML 3Page - Renesas Technology Corp R8A66156SP Datasheet HTML 4Page - Renesas Technology Corp R8A66156SP Datasheet HTML 5Page - Renesas Technology Corp R8A66156SP Datasheet HTML 6Page - Renesas Technology Corp R8A66156SP Datasheet HTML 7Page - Renesas Technology Corp R8A66156SP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R8A66156SP
24-bit I/O EXPANDER WITH LED DRIVE FUNCTION
REJ03F0283-0100 Rev.1.00 Sep.14.2009
.
Page 1 of 7
REJ03F0283-0100
Rev. 1.00
Sep.14.2009
DESCRIPTION
R8A66156 is a semiconductor integrated circuit which has 24-bit shift register function to execute serial in -
parallel out conversion and parallel in - serial out conversion.
Built in two shift registers for serial in - parallel out and parallel in - serial out are constructed independently,
This IC is able to read serial input data into a shift register while output the serial data converting from the
parallel data input.
Also, parallel data I/O pins can be set to input mode or output mode by a bit.
R8A66156 is useful in a wide range of applications, such as MCU (micro controller unit) I/O port extension
and serial bus system data communication.
Moreover, R8A66156 can be used as the anode common LED drive too.
FEATURES
Bi-directional serial communication with MCU
Serial data can be input during parallel to serial data conversion
Parallel data I/O pins can be set input mode or output mode by a bit
Schmitt input (DI, CLK, /S, /CS)
N-ch open drain output (DO, D1~D24)
High output current IOL=24mA (at VCC=4.5V), IOL=15mA (at VCC=3.0V)
Parallel data I/O pins (D1~D24)
Wide supply voltage range (Vcc=2.0 to 6.0V)
Wide operating temperature range (Ta=-40 to 85℃)
APPLICATION
Serial - parallel or parallel - serial data conversion for MCU peripheral.
Serial bus control by MCU.
LED array drive, The various LED display modules.
PIN CONFIGURATION (TOP VIEW)
GND
136
D1
SERIAL DATA OUTPUT DO
235
D2
SERIAL DATA INPUT
DI
334
D3
Vcc
433
D4
CLOCK INPUT CLK
532
D5
GND
631
D6
CHIP SELECT INPUT CS
730
D7
Vcc
829
D8
SET INPUT
S
928
GND
GND
10
27
D9
D24
11
26
D10
D23
12
25
D11
D22
13
24
D12
D21
14
23
D13
D20
15
22
D14
D19
16
21
D15
D18
17
20
D16
D17
18
19
GND
PARALLEL DATA I/O
PARALLEL DATA I/O
PARALLEL DATA I/O


Similar Part No. - R8A66156SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
   24-BIT I/O EXPANDER
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66153FP RENESAS-R8A66153FP Datasheet
458Kb / 10P
   PROGRAMMABLE BUFFERED I/O EXPANDER
R8A66154SP RENESAS-R8A66154SP Datasheet
152Kb / 8P
   8-bit I/O EXPANDER WITH LED DRIVE FUNCTION
More results

Similar Description - R8A66156SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66155SP RENESAS-R8A66155SP Datasheet
178Kb / 8P
   16-bit I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66154SP RENESAS-R8A66154SP Datasheet
152Kb / 8P
   8-bit I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
   24-BIT I/O EXPANDER
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
   24-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
   24-BIT I/O EXPANDER
logo
Megawin Technology Co.,...
MA009A MEGAWIN-MA009A Datasheet
664Kb / 19P
   24-bit I/O extender with interrupt function
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
   8-bit I/O Expander with Address
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com