Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF4M32M8V-120 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF4M32M8V-120
Description  Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF4M32M8V-120 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF4M32M8V-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HANBit
HMF4M32M8V
URL:www.hbe.co.kr
4
HANBit Electronics Co., Ltd
REV.02(August,2002).
2. Icc active while embedded algorithm (program or erase) is in progress
3. Maximum Icc current specifications are tested with Vcc=Vcc max
ERASE AND PROGRAMMING PERFORMANCE
LIMITS
PARAMETER
MIN.
TYP.
MAX.
UNIT
COMMENTS
Sector Erase Time
-
0.7
15
sec
Chip Erase Time
25
sec
Excludes 00H programming
prior to erasure
Byte Programming Time
-
9
300
µs
Chip Programming Time
-
12
36
sec
Excludes system-level
overhead
TSOP CAPACITANCE
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST SETUP
TYP.
MAX
UNIT
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Notes : Test conditions TA = 25
o C, f=1.0 MHz.
AC CHARACTERISTICS
u Read Only Operations Characteristics
PARAMETER
SYMBOLS
Speed Options
JEDEC
STANDARD
DESCRIPTION
TEST SETUP
-70R
-80
-90
-120
UNIT
tAVAV
tRC
Read Cycle Time
Min
70
80
90
120
ns
tAVQV
tACC
Address to Output Delay
/CE = VIL
/OE = VIL
Max
70
80
90
120
ns
tELQV
tCE
Chip Enable to Output Delay
/OE = VIL
Max
70
80
90
120
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
30
35
50
ns
tEHQZ
tDF
Chip Enable to Output High-Z
Max
25
25
30
30
ns
tGHQZ
tDF
Output Enable to Output High -Z
Max
25
25
30
30
ns
tAXQX
tQH
Output Hold Time From Addresses,
/CE or /OE, Whichever Occurs First
Min
0
ns
TEST SPECIFICATIONS
TEST CONDITION
70R, 80
90, 120
UNIT
Output load
1TTL gate
Output load capacitance,CL (Including jig capacitance)
30
100
pF
Input rise and fall times
5
ns
Input pulse levels
0.0-3.0
V
Input timing measurement reference levels
1.5
V
Output timing measurement reference levels
1.5
V


Similar Part No. - HMF4M32M8V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-120 HANBIT-HMF4M32M8VGL-120 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-70 HANBIT-HMF4M32M8VGL-70 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-80 HANBIT-HMF4M32M8VGL-80 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-90 HANBIT-HMF4M32M8VGL-90 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
More results

Similar Description - HMF4M32M8V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32B8V HANBIT-HMF4M32B8V Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF8M32M8V HANBIT-HMF8M32M8V Datasheet
428Kb / 11P
   Flash-ROM Module 32MByte (8Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VS HANBIT-HMF4M32B8VS Datasheet
432Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com