Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF4M32M8V-120 Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # HMF4M32M8V-120
Description  Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF4M32M8V-120 Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button HMF4M32M8V-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-120 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HANBit
HMF4M32M8V
URL:www.hbe.co.kr
11
HANBit Electronics Co., Ltd
REV.02(August,2002).
PACKAGE DIMENSIONS
(UNIT : mm)
ORDERING INFORMATION
Part Number
Density
Org.
Package
Component
Number
Vcc
SPEED
HMF4M32M8V-70
16MByte
4Mx 32bit
72Pin -SIMM
8EA
3.3V
70ns
HMF4M32M8V-80
16MByte
4Mx 32bit
72Pin -SIMM
8EA
3.3V
80ns
HMF4M32M8V-90
16MByte
4Mx 32bit
72Pin -SIMM
8EA
3.3V
90ns
HMF4M32M8V-120
16MByte
4Mx 32bit
72Pin -SIMM
8EA
3.3V
120ns
0.25 mm MAX
MIN
2.54 mm
1.27
(Solder & Gold Plating)
Gold: 1.04
±0.10 mm
Solder: 0.914
±0.10 mm
1.27
±0.08 mm


Similar Part No. - HMF4M32M8V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-120 HANBIT-HMF4M32M8VGL-120 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-70 HANBIT-HMF4M32M8VGL-70 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-80 HANBIT-HMF4M32M8VGL-80 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-90 HANBIT-HMF4M32M8VGL-90 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
More results

Similar Description - HMF4M32M8V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32B8V HANBIT-HMF4M32B8V Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF8M32M8V HANBIT-HMF8M32M8V Datasheet
428Kb / 11P
   Flash-ROM Module 32MByte (8Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VS HANBIT-HMF4M32B8VS Datasheet
432Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com