Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35626DFE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F35626DFE
Description  RENESAS MCU
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35626DFE Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F35626DFE Datasheet HTML 1Page - Renesas Technology Corp R5F35626DFE Datasheet HTML 2Page - Renesas Technology Corp R5F35626DFE Datasheet HTML 3Page - Renesas Technology Corp R5F35626DFE Datasheet HTML 4Page - Renesas Technology Corp R5F35626DFE Datasheet HTML 5Page - Renesas Technology Corp R5F35626DFE Datasheet HTML 6Page - Renesas Technology Corp R5F35626DFE Datasheet HTML 7Page - Renesas Technology Corp R5F35626DFE Datasheet HTML 8Page - Renesas Technology Corp R5F35626DFE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 4 of 83
M16C/5LD Group, M16C/56D Group
1. Overview
Note:
1.
IEBus is a trademark of NEC Electronics Corporation.
Table 1.3
Specifications (64-pin Version) (1/2)
Item
Function
Specification
CPU
Central processing
unit
M16C/60 Series CPU Core (Multiplier: 16 × 16
32 bits, Multiply-accumulate
unit: 16 × 16 + 32
32 bits)
Basic instructions: 91
Minimum instruction execution time:
31.25 ns (f(BCLK) = 32 MHz, VCC = 3.0 to 5.5 V)
40ns (f(BCLK) = 25MHz, VCC = 2.7 to 5.5V)
Operating mode: Single-chip mode
Memory
ROM, RAM, data
flash
See Table 1.5. and Table 1.6
Voltage
Detection
Voltage detector
2 voltage detect points
Clock
Clock generator
4 circuits (Main clock, sub clock, PLL frequency synthesizer, 125-kHz on-chip
oscillator)
Oscillation stop detector: Main clock oscillator stop/re-oscillation detection
Frequency divide circuit: Divide-by-1, 2, 4, 8, or 16 selectable
Low-power consumption modes: Wait mode, stop mode
Real time clock
I/O Ports
Programmable I/O
ports
55 CMOS inputs/outputs, a pull-up resistor selectable
Interrupts
Interrupt vectors: 70
External interrupt inputs: 11 (NMI, INT × 6, key input × 4)
Interrupt priority levels: 7 levels
Watchdog Timer
15 bits × 1 (with prescaler)
Automatic reset start function selectable
125-kHz on-chip oscillator for watchdog timer
DMA
DMAC
4 channels, Cycle-steal transfer mode
Trigger sources: 40
Transfer modes: 2 (single transfer, repeat transfer)
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse-width
modulation (PWM) mode
Two-phase pulse signal processing in event counter mode (two-phase encoder
input) × 3
Programmable output mode × 3
Timer B
16-bit timer × 3
Timer mode, event counter mode, pulse frequency measurement mode, pulse-
width measurement mode
Timer function for
three-phase motor
control
Three-phase motor control timer ×1 (timers A1, A2, A4, and B2 used)
On-chip dead time timer
Timer S (Input
capture/output
compare)
16-bit timer × 1 (base timer)
I/O: 8 channels
Task monitoring
timer
16-bit timer ×1 channel
Real-time clock
Count: seconds, minutes, hours, weeks
Serial Interface
UART0 to UART3
3 channels (UART, clock synchronous serial interface)
1 channels (UART, clock synchronous serial interface, I2C-bus, IEBus)(1)
A/D Converter
10-bit resolution × 16 channels (A/D circuit)
10-bit resolution × 4 channels (A/D1 circuit)


Similar Part No. - R5F35626DFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35626DFE RENESAS-R5F35626DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35626DFE RENESAS-R5F35626DFE Datasheet
673Kb / 88P
   RENESAS MCU
More results

Similar Description - R5F35626DFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com